データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC2GU04 データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74AHC2GU04
部品情報  TRIPLE INVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC2GU04 データシート(HTML) 4 Page - Texas Instruments

  SN74AHC2GU04 Datasheet HTML 1Page - Texas Instruments SN74AHC2GU04 Datasheet HTML 2Page - Texas Instruments SN74AHC2GU04 Datasheet HTML 3Page - Texas Instruments SN74AHC2GU04 Datasheet HTML 4Page - Texas Instruments SN74AHC2GU04 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN74AHC2GU04
TRIPLE INVERTER
SCLS434A – SEPTEMBER 1999 – REVISED NOVEMBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
VCC
VCC
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
VCC
0 V
50% VCC
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
VOH – 0.3 V
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - SN74AHC2GU04

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00HDCT3 TI1-SN74AHC2G00HDCT3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00HDCU3 TI1-SN74AHC2G00HDCU3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AHC2G02HDCU3 TI1-SN74AHC2G02HDCU3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
More results

同様の説明 - SN74AHC2GU04

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
   TRIPLE INVERTER
Rev. 03-01 February 2005
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
   TRIPLE INVERTER
74V2T05 STMICROELECTRONICS-74V2T05 Datasheet
131Kb / 7P
   TRIPLE INVERTER
logo
NXP Semiconductors
74LVC3G04 NXP-74LVC3G04_08 Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
   Triple Inverter
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com