データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC32Q-Q1 データシート(PDF) 2 Page - Texas Instruments

部品番号 SN74AHC32Q-Q1
部品情報  QUADRUPLE 2-INPUT POSITIVE-OR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC32Q-Q1 データシート(HTML) 2 Page - Texas Instruments

  SN74AHC32Q-Q1_15 Datasheet HTML 1Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 2Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 3Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 4Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 5Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 6Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 7Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 8Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN74AHC32QQ1
QUADRUPLE 2INPUT POSITIVEOR GATE
SGDS019A − FEBRUARY 2002 − REVISED APRIL 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
1
1A
2
1B
4
2A
5
2B
9
3A
10
3B
12
4A
13
4B
≥ 1
1Y
3
2Y
6
3Y
8
4Y
11
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
A
B
Y
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


同様の部品番号 - SN74AHC32Q-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC32Q-Q1 TI-SN74AHC32Q-Q1_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74AHC32Q-Q1 Quadruple 2-Input Positive-OR Gates
REVISED JUNE 2023
More results

同様の説明 - SN74AHC32Q-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
74AC11032 TI-74AC11032 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED APRIL 1996
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHC32-EP TI1-SN74AHC32-EP Datasheet
433Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHCT32-Q1 TI1-SN74AHCT32-Q1 Datasheet
262Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
CD74ACT32-Q1 TI1-CD74ACT32-Q1 Datasheet
200Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-Q1 TI1-SN74LV32A-Q1 Datasheet
202Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32_07 Datasheet
404Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com