データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHCT367PWG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHCT367PWG4
部品情報  Hex Buffer and Line Driver with 3-State Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT367PWG4 データシート(HTML) 5 Page - Texas Instruments

  SN74AHCT367PWG4 Datasheet HTML 1Page - Texas Instruments SN74AHCT367PWG4 Datasheet HTML 2Page - Texas Instruments SN74AHCT367PWG4 Datasheet HTML 3Page - Texas Instruments SN74AHCT367PWG4 Datasheet HTML 4Page - Texas Instruments SN74AHCT367PWG4 Datasheet HTML 5Page - Texas Instruments SN74AHCT367PWG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT367PWG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT367PWG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT367PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN74AHCT367
www.ti.com
SCLS418H – JUNE 1998 – REVISED DECEMBER 2014
7.4 Thermal Information
SN74AHCT367
THERMAL METRIC(1)
D
DB
DGV
PW
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
85.1
103.9
124.5
111.5
RθJC(top)
Junction-to-case (top) thermal resistance
46.5
54.3
49.8
46.5
RθJB
Junction-to-board thermal resistance
42.6
54.6
56.2
56.6
°C/W
ψJT
Junction-to-top characterization parameter
13.2
14.3
5.8
5.8
ψJB
Junction-to-board characterization parameter
42.4
54.0
55.7
56.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
IOH = –50 µA
4.4
4.5
4.4
4.4
VOH
4.5 V
V
IOH = –8 mA
3.94
3.8
3.8
IOL = 50 µA
0.1
0.1
0.1
VOL
4.5 V
V
IOH = 8 mA
0.36
0.44
0.44
0 V to
II
VI = 5.5 V or GND
±0.1(1)
±1(1)
±1
µA
5.5 V
VO = VCC or GND
IOZ
5.5 V
±0.25
±2.5
±2.5
µA
VI (OE) = VIL or VIH
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
40
µA
One input at 3.4 V,
ΔICC
(2)
5.5 V
1.35
1.5
1.5
mA
Other inputs at VCC or GND
Ci
VI = VCC or GND
5 V
2.5
10
10
10
pF
CO
VO = VCC or GND
5 V
5
pF
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
(2)
This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
7.6 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
2.5(1)
4.8(1)
1
6.5
1
8.5
A
Y
CL = 15 pF
ns
tPHL
2.5(1)
4.8(1)
1
6.5
1
8.5
tPZH
3.5(1)
8(1)
1
9.5
1
9
OE
Y
CL = 15 pF
ns
tPZL
2.8(1)
7(1)
1
8.5(1)
1
8
tPHZ
3.1(1)
8(1)
1
9.5
1
9
OE
Y
CL = 15 pF
ns
tPLZ
2.8(1)
7(1)
1
8.5
1
8
tPLH
3.5
5.8
1
7.5
1
9.5
A
Y
CL = 50 pF
ns
tPHL
3.3
5.8
1
7.5
1
9.5
tPZH
4.5
9
1
10.5
1
10
OE
Y
CL = 50 pF
ns
tPZL
3.7
8
1
9.5
1
9
tPHZ
4.1
9
1
10.5
1
10
OE
Y
CL = 50 pF
ns
tPLZ
3.6
8
1
9.5
1
9
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AHCT367


同様の部品番号 - SN74AHCT367PWG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT367PW TI-SN74AHCT367PW Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367PW TI-SN74AHCT367PW Datasheet
398Kb / 1P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367PW TI-SN74AHCT367PW Datasheet
699Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367PWE4 TI-SN74AHCT367PWE4 Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367PWR TI-SN74AHCT367PWR Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AHCT367PWG4

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC367 HITACHI-HD74AC367 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
NXP Semiconductors
74LV367 PHILIPS-74LV367 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com