データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC1G32DCKT データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC1G32DCKT
部品情報  SN74AHC1G32 Single 2-Input Positive-OR Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G32DCKT データシート(HTML) 6 Page - Texas Instruments

Back Button SN74AHC1G32DCKT Datasheet HTML 2Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 3Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 4Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 5Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 6Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 7Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 8Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 9Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Temperature (GC)
-100
-50
0
50
100
150
0
1
2
3
4
5
6
7
D001
TPD in ns
VCC (V)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
D002
TPD in ns
SN74AHC1G32
SCLS317O – MARCH 1996 – REVISED JULY 2014
www.ti.com
7.8 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
14
pF
7.9 Typical Characteristics
Figure 1. TPD vs Temperature
Figure 2. TPD vs VCC
6
Submit Documentation Feedback
Copyright © 1996–2014, Texas Instruments Incorporated
Product Folder Links: SN74AHC1G32


同様の部品番号 - SN74AHC1G32DCKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC1G32DCKT TI-SN74AHC1G32DCKT Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DCKT TI-SN74AHC1G32DCKT Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DCKT TI-SN74AHC1G32DCKT Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DCKT TI-SN74AHC1G32DCKT Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DCKT TI1-SN74AHC1G32DCKT Datasheet
1Mb / 27P
[Old version datasheet]   Single 2-Input Positive-OR Gate
More results

同様の説明 - SN74AHC1G32DCKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC1G32-Q1 TI1-SN74AHC1G32-Q1_V01 Datasheet
1Mb / 23P
[Old version datasheet]   SN74AHC1G32-Q1 Automotive Single 2-Input Positive-OR Gate
REVISED AUGUST 2023
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com