データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ACT3638-15PQ データシート(PDF) 10 Page - Texas Instruments

部品番号 SN74ACT3638-15PQ
部品情報  512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT3638-15PQ データシート(HTML) 10 Page - Texas Instruments

Back Button SN74ACT3638-15PQ Datasheet HTML 6Page - Texas Instruments SN74ACT3638-15PQ Datasheet HTML 7Page - Texas Instruments SN74ACT3638-15PQ Datasheet HTML 8Page - Texas Instruments SN74ACT3638-15PQ Datasheet HTML 9Page - Texas Instruments SN74ACT3638-15PQ Datasheet HTML 10Page - Texas Instruments SN74ACT3638-15PQ Datasheet HTML 11Page - Texas Instruments SN74ACT3638-15PQ Datasheet HTML 12Page - Texas Instruments SN74ACT3638-15PQ Datasheet HTML 13Page - Texas Instruments SN74ACT3638-15PQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
SN74ACT3638
512
× 32 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS228D – JUNE 1992 – REVISED APRIL 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
input-ready flags (IRA, IRB)
The input-ready flag of a FIFO is synchronized to the port clock that writes data to its array. When the input-ready
flag is high, a memory location is free in the SRAM to receive new data. No memory locations are free when
the input-ready flag is low and attempted writes to the FIFO are ignored.
Each time a word is written to a FIFO, its write pointer is incremented. From the time a word is read from a FIFO,
its previous memory location is ready to be written in a minimum of two cycles of the input-ready flag
synchronizing clock; therefore, an input-ready flag is low if less than two cycles of the input-ready flag
synchronizing clock have elapsed since the next memory write location has been read. The second low-to-high
transition on the input-ready flag synchronizing clock after the read sets the input-ready flag high.
A low-to-high transition on an input-ready flag synchronizing clock begins the first synchronization cycle of a
read if the clock transition occurs at time tsk1, or greater, after the read. Otherwise, the subsequent clock cycle
can be the first synchronization cycle (see Figures 9 and 10).
ready flags (RDYA, RDYB)
A ready flag is provided on each port to show if the transmitting or receiving FIFO chosen by the port write/read
select is available for data transfer. The port-A ready flag (RDYA) outputs the complement of the IRA flag when
W/RA is high and the complement of the ORA flag when W/RA is low. The port-B ready flag (RDYB) outputs
the complement of the IRB flag when W/RB is low and the complement of the ORB flag when W/RB is high (see
Figures 11 and 12).
almost-empty flags (AEA, AEB)
The almost-empty flag of a FIFO is synchronized to the port clock that reads data from its array. The
almost-empty state is defined by the contents of register X1 for AEB and register X2 for AEA. These registers
are loaded with preset values during a FIFO reset or programmed from port A (see
almost-empty flag and
almost-full flag offset programming). A FIFO is almost empty when it contains X or fewer words in memory and
is no longer almost empty when it contains (X + 1) or more words. Note that a data word present in the FIFO
output register has been read from memory.
Two low-to-high transitions of the almost-empty flag synchronizing clock are required after a FIFO write for its
almost-empty flag to reflect the new level of fill; therefore, the almost-empty flag of a FIFO containing (X + 1)
or more words remains low if two cycles of its synchronizing clock have not elapsed since the write that filled
the memory to the (X + 1) level. An almost-empty flag is set high by the second low-to-high transition of its
synchronizing clock after the FIFO write that fills memory to the (X + 1) level. A low-to-high transition of an
almost-empty flag synchronizing clock begins the first synchronization cycle if it occurs at time tsk2, or greater,
after the write that fills the FIFO to (X + 1) words. Otherwise, the subsequent synchronizing clock cycle can be
the first synchronization cycle (see Figures 13 and 14).
almost-full flags (AFA, AFB)
The almost-full flag of a FIFO is synchronized to the port clock that writes data to its array. The almost-full state
is defined by the contents of register Y1 for AFA and register Y2 for AFB. These registers are loaded with preset
values during a FIFO reset or programmed from port A (see
almost-empty flag and almost-full flag offset
programming). A FIFO is almost full when it contains (512 – Y) or more words in memory and is not almost full
when it contains [512 – (Y + 1)] or fewer words. A data word present in the FIFO output register has been read
from memory.
almost-full flags (AFA, AFB) (continued)
Two low-to-high transitions of the almost-full flag synchronizing clock are required after a FIFO read for its
almost-full flag to reflect the new level of fill; therefore, the almost-full flag of a FIFO containing [512 – (Y + 1)]
or fewer words remains low if two cycles of its synchronizing clock have not elapsed since the read that reduced
the number of words in memory to [512 – (Y + 1)]. An almost-full flag is set high by the second low-to-high
transition of its synchronizing clock after the FIFO read that reduces the number of words in memory to
[512 – (Y + 1)]. A low-to-high transition of an almost-full flag synchronizing clock begins the first synchronization


同様の部品番号 - SN74ACT3638-15PQ

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638PCB TI-SN74ACT3638PCB Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638PQ TI-SN74ACT3638PQ Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

同様の説明 - SN74ACT3638-15PQ

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A TI-SN74ABT7819A Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7803 TI-SN74ALVC7803 Datasheet
196Kb / 14P
[Old version datasheet]   512 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33