データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALVC7805-20DL データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74ALVC7805-20DL
部品情報  LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC7805-20DL データシート(HTML) 1 Page - Texas Instruments

  SN74ALVC7805-20DL Datasheet HTML 1Page - Texas Instruments SN74ALVC7805-20DL Datasheet HTML 2Page - Texas Instruments SN74ALVC7805-20DL Datasheet HTML 3Page - Texas Instruments SN74ALVC7805-20DL Datasheet HTML 4Page - Texas Instruments SN74ALVC7805-20DL Datasheet HTML 5Page - Texas Instruments SN74ALVC7805-20DL Datasheet HTML 6Page - Texas Instruments SN74ALVC7805-20DL Datasheet HTML 7Page - Texas Instruments SN74ALVC7805-20DL Datasheet HTML 8Page - Texas Instruments SN74ALVC7805-20DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN74ALVC7805
256
× 18
LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS593A – OCTOBER 1997 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D Low-Power Advanced CMOS Technology
D Operates From 3-V to 3.6-V VCC
D Free-Running Read and Write Clocks Can
Be Asynchronous or Coincident
D Read and Write Operations Synchronized
to Independent System Clocks
D Half-Full Flag and Programmable
Almost-Full/Almost-Empty Flag
D Bidirectional Configuration and Width
Expansion Without Additional Logic
D Input-Ready Flag Synchronized to Write
Clock
D Output-Ready Flag Synchronized to Read
Clock
D Fast Access Times of 13 ns With a 50-pF
Load and All Data Outputs Switching
Simultaneously
D Data Rates up to 50 MHz
D Pin-to-Pin Compatible With SN74ACT7803,
SN74ACT7805, and SN74ACT7813
D Packaged in Shrink Small-Outline 300-mil
Package Using 25-mil Center-to-Center
Lead Spacing
description
The SN74ALVC7805 is suited for buffering
asynchronous data paths up to 50-MHz clock
rates and 13-ns access times. This device is
designed for 3-V to 3.6-V VCC operation. Two
devices can be configured for bidirectional data
buffering without additional logic.
The write clock (WRTCLK) and read clock (RDCLK) are free running and can be asynchronous or coincident.
Data is written to memory on the rising edge of WRTCLK when WRTEN1 is high, WRTEN2 is low, and input
ready (IR) is high. Data is read from memory on the rising edge of RDCLK when RDEN, OE1, and OE2 are low
and output ready (OR) is high. The first word written to memory is clocked through to the output buffer,
regardless of the RDEN, OE1, and OE2 levels. The OR flag indicates that valid data is present on the output
buffer.
The FIFO can be reset asynchronously to WRTCLK and RDCLK. Reset (RESET) must be asserted while at
least four WRTCLK and four RDCLK rising edges occur to clear the synchronizing registers. Resetting the FIFO
initializes the IR, OR, and half-full (HF) flags low and the almost-full/almost-empty (AF/AE) flag high. The FIFO
must be reset upon power up.
The SN74ALVC7805 is characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
RESET
D17
D16
D15
D14
D13
D12
D11
D10
VCC
D9
D8
GND
D7
D6
D5
D4
D3
D2
D1
D0
HF
PEN
AF/AE
WRTCLK
WRTEN2
WRTEN1
IR
OE1
Q17
Q16
Q15
GND
Q14
VCC
Q13
Q12
Q11
Q10
Q9
GND
Q8
Q7
Q6
Q5
VCC
Q4
Q3
Q2
GND
Q1
Q0
RDCLK
RDEN
OE2
OR
DL PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments Incorporated.


同様の部品番号 - SN74ALVC7805-20DL

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVC7805 TI-SN74ALVC7805 Datasheet
196Kb / 14P
[Old version datasheet]   256 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805DL TI-SN74ALVC7805DL Datasheet
196Kb / 14P
[Old version datasheet]   256 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results

同様の説明 - SN74ALVC7805-20DL

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7803 TI-SN74ACT7803 Datasheet
241Kb / 16P
[Old version datasheet]   512 짰18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7813 TI-SN74ALVC7813 Datasheet
192Kb / 14P
[Old version datasheet]   64 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805 TI-SN74ALVC7805 Datasheet
196Kb / 14P
[Old version datasheet]   256 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com