データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM43601 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM43601
部品情報  LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM43601 データシート(HTML) 4 Page - Texas Instruments

  LM43601_16 Datasheet HTML 1Page - Texas Instruments LM43601_16 Datasheet HTML 2Page - Texas Instruments LM43601_16 Datasheet HTML 3Page - Texas Instruments LM43601_16 Datasheet HTML 4Page - Texas Instruments LM43601_16 Datasheet HTML 5Page - Texas Instruments LM43601_16 Datasheet HTML 6Page - Texas Instruments LM43601_16 Datasheet HTML 7Page - Texas Instruments LM43601_16 Datasheet HTML 8Page - Texas Instruments LM43601_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
LM43601
SNVSA44A – AUGUST 2014 – REVISED AUGUST 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VIN to PGND
-0.3
42
EN to PGND
-0.3
VIN + 0.3
FB, RT, SS/TRK to AGND
-0.3
3.6
Input Voltages
PGOOD to AGND
-0.3
15
V
SYNC to AGND
-0.3
5.5
BIAS to AGND
-0.3
30
AGND to PGND
-0.3
0.3
SW to PGND
-0.3
VIN + 0.3
SW to PGND less than 10ns Transients
-3.5
42
Output Voltages
V
CBOOT to SW
-0.3
5.5
VCC to AGND
-0.3
3.6
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings [COMMERCIAL]
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
+150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
500
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VIN to PGND
3.5
36
EN
-0.3
VIN
FB
-0.3
1.1
Input Voltages
PGOOD
-0.3
12
V
BIAS input not used
-0.3
0.3
BIAS input used
3.3
VIN or 28(2)
AGND to PGND
-0.1
0.1
Output Voltage
VOUT
1.0
28
V
Output Current
IOUT
0
1
A
Temperature
Operating junction temperature range, TJ
-40
+125
°C
(1)
Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
For guaranteed specifications, see Electrical Characteristics.
(2)
Whichever is lowerElectrical Characteristics.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM43601


同様の部品番号 - LM43601_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
More results

同様の説明 - LM43601_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI-LM43601-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM46001 TI-LM46001_15 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001 TI1-LM46001 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com