データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM43601PWP データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM43601PWP
部品情報  LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM43601PWP データシート(HTML) 10 Page - Texas Instruments

Back Button LM43601PWP Datasheet HTML 6Page - Texas Instruments LM43601PWP Datasheet HTML 7Page - Texas Instruments LM43601PWP Datasheet HTML 8Page - Texas Instruments LM43601PWP Datasheet HTML 9Page - Texas Instruments LM43601PWP Datasheet HTML 10Page - Texas Instruments LM43601PWP Datasheet HTML 11Page - Texas Instruments LM43601PWP Datasheet HTML 12Page - Texas Instruments LM43601PWP Datasheet HTML 13Page - Texas Instruments LM43601PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.4
12.0
12.5
13.0
13.5
14.0
VIN (V)
Load = 0.25A
Load = 0.5A
Load = 0.75A
Load = 1A
C027
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.0
5.5
6.0
6.5
VIN (V)
Load = 0.25A
Load = 0.5A
Load = 0.75A
Load = 1A
C026
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.0
5.5
6.0
6.5
VIN (V)
Load = 0.25A
Load = 0.5A
Load = 0.75A
Load = 1A
C023
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.0
5.5
6.0
6.5
VIN (V)
Load = 0.25A
Load = 0.5A
Load = 0.75A
Load = 1A
C025
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
3.50
3.5
4.0
4.5
5.0
VIN (V)
Load = 0.25A
Load = 0.5A
Load = 0.75A
Load = 1A
C022
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.0
5.5
6.0
6.5
VIN (V)
Load = 0.25A
Load = 0.5A
Load = 0.75A
Load = 1A
C024
LM43601
SNVSA44A – AUGUST 2014 – REVISED AUGUST 2014
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12V, VOUT = 3.3 V, FS = 500 kHz, L = 18 µH, COUT = 100 µF, CFF = 33 pF. Please refer to
Application Performance Curves for Bill of Materials (BOM) for other VOUT and FS combinations.
VOUT = 3.3 V
FS = 500 kHz
VOUT = 5 V
FS = 200 kHz
Figure 13. Drop-Out Curve
Figure 14. Drop-Out Curve
VOUT = 5 V
FS = 500 kHz
VOUT = 5 V
FS = 1 MHz
Figure 15. Drop-Out Curve
Figure 16. Drop-Out Curve
VOUT = 5 V
FS = 2.2 MHz
VOUT = 12 V
FS = 500 kHz
Figure 17. Drop-Out Curve
Figure 18. Drop-Out Curve
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM43601


同様の部品番号 - LM43601PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43601-Q1 TI1-LM43601-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI-LM43601-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601A-Q1 TI1-LM43601A-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
More results

同様の説明 - LM43601PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI-LM43601-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM46001 TI-LM46001_15 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001 TI1-LM46001 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com