データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALVCH162832 データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74ALVCH162832
部品情報  1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162832 データシート(HTML) 4 Page - Texas Instruments

  SN74ALVCH162832_10 Datasheet HTML 1Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 2Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 3Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 4Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 5Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 6Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 7Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 8Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
SN74ALVCH162832
1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER
WITH 3-STATE OUTPUTS
SCAS588I – MAY 1997 – REVISED SEPTEMBER 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOH = -100 µA
1.65 V to 3.6 V
VCC - 0.2
IOH = -2 mA
1.65 V
1.2
IOH = -4 mA
2.3 V
1.9
VOH
2.3 V
1.7
V
IOH = -6 mA
3 V
2.4
IOH = -8 mA
2.7 V
2
IOH = -12 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 2 mA
1.65 V
0.45
IOL = 4 mA
2.3 V
0.4
VOL
2.3 V
0.55
V
IOL = 6 mA
3 V
0.55
IOL = 8 mA
2.7 V
0.6
IOL = 12 mA
3 V
0.8
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
1.65 V
25
VI = 1.07 V
1.65 V
-25
VI = 0.7 V
2.3 V
45
II(hold)
VI = 1.7 V
2.3 V
-45
µA
VI = 0.8 V
3 V
75
VI = 2 V
3 V
-75
VI = 0 to 3.6 V(2)
3.6 V
±500
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
∆I
CC
One input at VCC - 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Control inputs
4.5
Ci
VI = VCC or GND
3.3 V
pF
Data inputs
5
Co
Outputs
VO = VCC or GND
3.3 V
7.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
150
150
150
MHz
tw
Pulse duration, CLK high or low
(1)
3.3
3.3
3.3
ns
tsu
Setup time, A data before CLK
(1)
2
2
1.6
ns
th
Hold time, A data after CLK
(1)
0.7
0.5
1.1
ns
(1)
This information was not available at the time of publication.
4


同様の部品番号 - SN74ALVCH162832_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVCH162832DGG TI-SN74ALVCH162832DGG Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALVCH162832_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162344 TI-SN74ALVCH162344 Datasheet
118Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344 Datasheet
116Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com