データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD2626 データシート(PDF) 4 Page - BeRex Corporation

部品番号 BD2626
部品情報  Dual Band 2-Way SMT Power Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEREX [BeRex Corporation]
ホームページ  http://www.berex.com
Logo BEREX - BeRex Corporation

BD2626 データシート(HTML) 4 Page - BeRex Corporation

  BD2626 Datasheet HTML 1Page - BeRex Corporation BD2626 Datasheet HTML 2Page - BeRex Corporation BD2626 Datasheet HTML 3Page - BeRex Corporation BD2626 Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Dual Band 2-Way SMT Power Divider
BD2626
2400~2900MHz WCDMA, WiBro & LTE
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2013 BeRex
Rev. B
Lead plating finish
100% Tin Matte finish
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate thin whisker growth concerns.)
MSL / ESD Rating
MSL Rating:
Standard:
Level 3 at +265°C convection reflow
JEDEC Standard J-STD-020
NATO CAGE code:
2
N
9
6
F
Tape & Reel
SOT-26
Packaging information:
Tape Width (mm): 8
Reel Size (inches): 7
Device Cavity Pitch (mm): 4
Devices Per Reel: 3000
Package Marking
XX = Wafer No.


同様の部品番号 - BD2626

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BD2626 BEREX-BD2626 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
More results

同様の説明 - BD2626

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_14 Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_14 Datasheet
726Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_18 Datasheet
543Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_14 Datasheet
830Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_18 Datasheet
485Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_18 Datasheet
548Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com