データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AS1808 データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74AS1808
部品情報  HEX 2-INPUT AND DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS1808 データシート(HTML) 1 Page - Texas Instruments

  SN74AS1808 Datasheet HTML 1Page - Texas Instruments SN74AS1808 Datasheet HTML 2Page - Texas Instruments SN74AS1808 Datasheet HTML 3Page - Texas Instruments SN74AS1808 Datasheet HTML 4Page - Texas Instruments SN74AS1808 Datasheet HTML 5Page - Texas Instruments SN74AS1808 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN74AS1808
HEX 2INPUT AND DRIVER
SDAS044C − AUGUST 1984 − REVISED JANUARY 1995
Copyright
1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
High Capacitive-Drive Capability
Typical Delay Time of 3.2 ns (C
L = 50 pF)
and Typical Power Dissipation of Less
Than 13 mW Per Gate
Center V
CC and GND Configuration
Provides Minimum Lead Inductance in
High-Current Switching Applications
Packaged in Standard Plastic (N) 300-mil
DIPs
description
This device contains six independent 2-input AND
drivers.
It
performs
the
Boolean
functions
Y = A
• B or Y = A + B in positive logic.
The center-pin configuration reduces lead inductance when compared to the
′AS808B. The reduced lead
inductance minimizes noise generated onto either the VCC or GND bus. This reduction is significant in
high-current switching applications.
The SN74AS1808 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
H
L
XL
X
L
L
logic symbol
logic diagram (positive logic)
6
1A
7
1B
9
2A
10
2B
12
3A
13
3B
17
4A
18
4B
&
1Y
8
2Y
11
3Y
14
4Y
16
20
5A
1
5B
3
6A
4
6B
5Y
19
6Y
2
1Y
8
2Y
11
3Y
14
4Y
16
5Y
19
6Y
2
6
1A
7
1B
9
2A
10
2B
12
3A
13
3B
17
4A
18
4B
20
5A
1
5B
3
6A
4
6B
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
5B
6Y
6A
6B
VCC
1A
1B
1Y
2A
2B
5A
5Y
4B
4A
4Y
GND
3Y
3B
3A
2Y
N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - SN74AS1808

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AS1808N TI1-SN74AS1808N Datasheet
59Kb / 3P
[Old version datasheet]   HEX 2-INPUT AND DRIVER
More results

同様の説明 - SN74AS1808

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AS1036A TI1-SN74AS1036A Datasheet
59Kb / 3P
[Old version datasheet]   HEX 2-INPUT AND DRIVER
logo
Fairchild Semiconductor
DM74AS1804 FAIRCHILD-DM74AS1804 Datasheet
46Kb / 4P
   Hex 2-Input NAND Driver
DM74AS1805 FAIRCHILD-DM74AS1805 Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
DM74AS804B FAIRCHILD-DM74AS804B Datasheet
43Kb / 4P
   Hex 2-Input NAND Driver
DM74AS805B FAIRCHILD-DM74AS805B Datasheet
43Kb / 4P
   Hex 2-Input NOR Driver
logo
Texas Instruments
SN74AS1805 TI-SN74AS1805 Datasheet
70Kb / 4P
[Old version datasheet]   HEX 2-INPUT NOR DRIVER
logo
Fairchild Semiconductor
DM74ALS804A FAIRCHILD-DM74ALS804A Datasheet
45Kb / 4P
   Hex 2-Input NAND Driver
logo
Texas Instruments
SN74AS1832 TI-SN74AS1832 Datasheet
68Kb / 4P
[Old version datasheet]   HEX 2-INPUT OR DRIVER
SN74AS1804 TI-SN74AS1804 Datasheet
69Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVER
SN74AS1805 TI1-SN74AS1805_09 Datasheet
174Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com