データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI91843DT-29-T1 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI91843DT-29-T1
部品情報  150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91843DT-29-T1 データシート(HTML) 1 Page - Vishay Siliconix

  SI91843DT-29-T1 Datasheet HTML 1Page - Vishay Siliconix SI91843DT-29-T1 Datasheet HTML 2Page - Vishay Siliconix SI91843DT-29-T1 Datasheet HTML 3Page - Vishay Siliconix SI91843DT-29-T1 Datasheet HTML 4Page - Vishay Siliconix SI91843DT-29-T1 Datasheet HTML 5Page - Vishay Siliconix SI91843DT-29-T1 Datasheet HTML 6Page - Vishay Siliconix SI91843DT-29-T1 Datasheet HTML 7Page - Vishay Siliconix SI91843DT-29-T1 Datasheet HTML 8Page - Vishay Siliconix SI91843DT-29-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Si91841/3
Vishay Siliconix
Document Number: 71447
S-40592—Rev. C, 29-Mar-04
www.vishay.com
1
150-mA Ultra Low-Noise LDO Regulator
With Discharge Option
FEATURES
D Ultra Low Dropout—130 mV at 150-mA Load
D Ultra Low Noise—30 mV(rms) (10-Hz to 100-kHz
Bandwidth)
D Shutdown Control
D 110-mA Ground Current at 150-mA Load
D 1.5% Guaranteed Output Voltage Accuracy
D 300-mA Peak Output Current Capability
D Uses Low ESR Ceramic Capacitors
D Fast Start-Up (50 ms)
D Fast Line and Load Transient Response (v 30 ms)
D 1-mA Maximum Shutdown Current
D Output Current Limit
D Reverse Battery Protection
D Built-in Short Circuit and Thermal Protection
D Si91841: Output, Auto-Discharge In Shutdown Mode
D Si91843: Output, No-Discharge In Shutdown Mode
D Fixed 1.8, 2.0, 2.2, 2.5, 2.6, 2.7, 2.8, 2.85, 2.9, 3.0, 3.3,
3.5, 3.6, 5.0-V Output Voltage Options
D Thin SOT23-5 Package
APPLICATIONS
D Cellular Phones, Wireless Handsets
D Noise-Sensitive Electronic Systems, Laptop and
Palmtop Computers
D PDAs
D Pagers
D Digital Cameras
D MP3 Player
D Wireless Modem
DESCRIPTION
The Si91841/3 is a 150-mA CMOS LDO (low dropout) voltage
regulator. It is the perfect choice for low voltage, low power
applications. An ultra low ground current makes this part
attractive for battery operated power systems. The Si91841/3
also offers ultra low dropout voltage to prolong battery life in
portable electronics.
Systems requiring a quiet voltage
source, such as RF applications, will benefit from the
Si91841/3’s ultra low output noise. An external noise bypass
capacitor connected to the device’s BP pin can further reduce
the noise level. The Si91841/3 is designed to maintain
regulation while delivering 300-mA peak current, making it
ideal for systems that have a high surge current upon turn-on.
For better transient response and regulation, an active
pull-down circuit is built into the Si91841/3 to clamp the output
voltage when it rises beyond normal regulation. The Si91841
automatically discharges the output voltage by connecting the
output to ground through a 100-W n-channel MOSFET when
the device is put in shutdown mode.
The Si91841/3 features reverse battery protection to limit
reverse current flow to approximately 1-mA in the event
reversed battery is applied at the input, thus preventing
damage to the IC.
The Si91841/3 is available in both standard and lead (Pb)-free
packages.
TYPICAL APPLICATION CIRCUIT
3
2
Si91841/3
1
4
5
VIN
GND
SD
VOUT
VIN
SD
VOUT
1 mF
1 mF
BP
10 nF
Thin SOT-23, 5-Lead


同様の部品番号 - SI91843DT-29-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI91842 VISHAY-SI91842 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-12-T1 VISHAY-SI91842DT-12-T1 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-12-T1B VISHAY-SI91842DT-12-T1B Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-18-T1 VISHAY-SI91842DT-18-T1 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-20-T1 VISHAY-SI91842DT-20-T1 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
More results

同様の説明 - SI91843DT-29-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com