データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G06DBVRE4 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1G06DBVRE4
部品情報  LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G06DBVRE4 データシート(HTML) 3 Page - Texas Instruments

  SN74AUP1G06DBVRE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SN74AUP1G06
www.ti.com
SCES590D – JULY 2004 – REVISED MAY 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
4.6
V
VO
Output voltage range in the high or low state(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±50
mA
DBV package
206
DCK package
252
θJA
Package thermal impedance(3)
DSF package
300
°C/W
DRY package
234
YFP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74AUP1G06


同様の部品番号 - SN74AUP1G06DBVRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G06DBVRE4 TI-SN74AUP1G06DBVRE4 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DBVRE4 TI-SN74AUP1G06DBVRE4 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DBVRE4 TI1-SN74AUP1G06DBVRE4 Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06DBVRE4 TI1-SN74AUP1G06DBVRE4 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results

同様の説明 - SN74AUP1G06DBVRE4

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI1-SN74AUP1G07_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Buffer/Driver With Open-Drain Outputs
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com