データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G32 データシート(PDF) 7 Page - Texas Instruments

部品番号 SN74AUP1G32
部品情報  Low-Power Single 2-Input Positive-OR Gate
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G32 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G32_16 Datasheet HTML 3Page - Texas Instruments SN74AUP1G32_16 Datasheet HTML 4Page - Texas Instruments SN74AUP1G32_16 Datasheet HTML 5Page - Texas Instruments SN74AUP1G32_16 Datasheet HTML 6Page - Texas Instruments SN74AUP1G32_16 Datasheet HTML 7Page - Texas Instruments SN74AUP1G32_16 Datasheet HTML 8Page - Texas Instruments SN74AUP1G32_16 Datasheet HTML 9Page - Texas Instruments SN74AUP1G32_16 Datasheet HTML 10Page - Texas Instruments SN74AUP1G32_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
VCC (V)
0
1
2
3
4
0
5
10
15
20
25
30
D001
TPD in ns
Temperature (°C)
-50
0
50
100
150
0
1
2
3
4
5
6
7
D001
TPD in ns
SN74AUP1G32
www.ti.com
SCES580I – JUNE 2004 – REVISED JUNE 2014
7.11 Typical Characteristics
Figure 1. TPD vs VCC, 15 pF Load
Figure 2. Temperature 1.8 V, 15 pF Load
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74AUP1G32


同様の部品番号 - SN74AUP1G32_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
More results

同様の説明 - SN74AUP1G32_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI-SN74AUP1G32 Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com