データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G07DRLR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1G07DRLR
部品情報  Low-Power Single Buffer/Driver With Open-Drain Outputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G07DRLR データシート(HTML) 11 Page - Texas Instruments

Back Button SN74AUP1G07DRLR Datasheet HTML 7Page - Texas Instruments SN74AUP1G07DRLR Datasheet HTML 8Page - Texas Instruments SN74AUP1G07DRLR Datasheet HTML 9Page - Texas Instruments SN74AUP1G07DRLR Datasheet HTML 10Page - Texas Instruments SN74AUP1G07DRLR Datasheet HTML 11Page - Texas Instruments SN74AUP1G07DRLR Datasheet HTML 12Page - Texas Instruments SN74AUP1G07DRLR Datasheet HTML 13Page - Texas Instruments SN74AUP1G07DRLR Datasheet HTML 14Page - Texas Instruments SN74AUP1G07DRLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
3.3 V Bus Driver
1 V Micro Processor
VCC
0.1 F
µ
1 V regulated
Driver
µC
vpu
10K
SN74AUP1G07
www.ti.com
SCES591J – JULY 2004 – REVISED JUNE 2014
10 Application and Implementation
10.1 Application Information
The AUP family is TI's premier solution to the industry’s low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity. It
has a small amount of hysteresis built in allowing for slower or noisy input signals. The lowered drive produces
slower edges and prevents overshoot and undershoot on the outputs.
10.2 Typical Application
Figure 5. Typical Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits.
10.2.2 Detailed Design Procedure
1. Recommended Input conditions
Rise time and fall time specs. See (
Δt/ΔV) in Recommended Operating Conditions
Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions
Inputs are overvoltage tolerant allowing them to go as high as 3.6 V at any valid VCC
2. Recommend output conditions
Load currents should not exceed 20 mA on the output and 50 mA total for the part
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74AUP1G07


同様の部品番号 - SN74AUP1G07DRLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G07DRLR TI-SN74AUP1G07DRLR Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DRLRG4 TI-SN74AUP1G07DRLRG4 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

同様の説明 - SN74AUP1G07DRLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07 TI1-SN74AUP2G07 Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com