データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1T34-Q1 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1T34-Q1
部品情報  1-Bit Unidirectional Voltage-Level Translator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1T34-Q1 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1T34-Q1 Datasheet HTML 3Page - Texas Instruments SN74AUP1T34-Q1 Datasheet HTML 4Page - Texas Instruments SN74AUP1T34-Q1 Datasheet HTML 5Page - Texas Instruments SN74AUP1T34-Q1 Datasheet HTML 6Page - Texas Instruments SN74AUP1T34-Q1 Datasheet HTML 7Page - Texas Instruments SN74AUP1T34-Q1 Datasheet HTML 8Page - Texas Instruments SN74AUP1T34-Q1 Datasheet HTML 9Page - Texas Instruments SN74AUP1T34-Q1 Datasheet HTML 10Page - Texas Instruments SN74AUP1T34-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
VCCB
VCCA
A
2
B
4
Copyright © 2016, Texas Instruments Incorporated
7
SN74AUP1T34-Q1
www.ti.com
SCES852A – DECEMBER 2013 – REVISED APRIL 2016
Product Folder Links: SN74AUP1T34-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SN74AUP1T34-Q1 is a unidirectional, single-bit, dual-supply, noninverting voltage-level translator. Pin A,
which is referenced to VCCA, receives the signal that is to be level translated. Pin B, which is referenced to VCCB,
transmits the level translated signal. Both supply pins VCCA and VCCB support a voltage range from 0.9 V to
3.6 V.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Fully Configurable Dual-Rail Design
Both VCCA and VCCB can be supplied at any voltage from 0.9 V to 3.6 V, making the device suitable for translating
between any of the voltage nodes (1 V, 1.2 V, 1.8 V, 2.5 V, and 3.3 V).
8.3.2 Partial-Power-Down Mode Operation
Ioff circuitry disables the outputs, preventing damaging current backflow through the SN74AUP1T34-Q1 when it is
powered down. This can occur in applications where subsections of a system are powered down (partial-power-
down) to reduce power consumption.
8.3.3 VCC Isolation
The VCC isolation feature ensures that if either VCCA or VCCB are at GND (or < 0.4 V), both ports A and B are set
to a high-impedance state, preventing false logic levels from being presented to either bus.
8.3.4 Input Hysteresis
Input hysteresis allows the input to support slew rates as slow as 200 ns/V, improving switching noise immunity.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74AUP1T34-Q1.
Table 1. Function Table
INPUT
OUTPUT
A PORT
B PORT
L
L
H
H


同様の部品番号 - SN74AUP1T34-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
SN74AUP1T34DCKR TI1-SN74AUP1T34DCKR Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
SN74AUP1T34DRYR TI1-SN74AUP1T34DRYR Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
SN74AUP1T34DSFR TI1-SN74AUP1T34DSFR Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
More results

同様の説明 - SN74AUP1T34-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
SN74AVC2T244 TI1-SN74AVC2T244 Datasheet
604Kb / 12P
[Old version datasheet]   2-BIT UNDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
logo
ON Semiconductor
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
logo
Texas Instruments
SN74AVC4T234 TI1-SN74AVC4T234_V01 Datasheet
1Mb / 21P
[Old version datasheet]   SN74AVC4T234 4-Bit Dual-Supply Unidirectional Noninverting Voltage Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com