データシートサーチシステム |
|
SN74AUP2G08DCUR データシート(PDF) 9 Page - Texas Instruments |
|
|
SN74AUP2G08DCUR データシート(HTML) 9 Page - Texas Instruments |
9 / 23 page NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns. D. The outputs are measured one at a time, with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. All parameters and waveforms are not applicable to all devices. 5, 10, 15, 30 pF VCC/2 VCC 0.15 V VCC = 1.2 V ± 0.1 V VCC = 0.8 V VCC = 1.5 V ± 0.1 V VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V CL VM VI V∆ 5, 10, 15, 30 pF VCC/2 VCC 0.15 V 5, 10, 15, 30 pF VCC/2 VCC 0.3 V Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ VCC 0 V VOL + V∆ VOH - V∆ ≈0 V VCC VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING Output Control VCC/2 VCC/2 VCC/2 VCC/2 tPLZ/tPZL tPHZ/tPZH 2 × VCC GND TEST S1 From Output Under Test CL (see Note A) LOAD CIRCUIT S1 GND 5 k Ω 5 k Ω 2 × VCC SN74AUP2G08 www.ti.com SCES681D – JANUARY 2008 – REVISED OCTOBER 2010 PARAMETER MEASUREMENT INFORMATION (Enable and Disable Times) Figure 4. Load Circuit and Voltage Waveforms Copyright © 2008–2010, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): SN74AUP2G08 |
同様の部品番号 - SN74AUP2G08DCUR |
|
同様の説明 - SN74AUP2G08DCUR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |