データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74BCT29834DWR データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74BCT29834DWR
部品情報  8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT29834DWR データシート(HTML) 4 Page - Texas Instruments

  SN74BCT29834DWR Datasheet HTML 1Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 2Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 3Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 4Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 5Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 6Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 7Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 8Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN74BCT29834
8BIT TO 9BIT PARITY BUS TRANSCEIVER
SCBS256 − SEPTEMBER 1987 − REVISED NOVEMBER 1993
2−4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage, ERR
2.4
V
IOH
High-level output current
−24
mA
IOL
Low-level output current
48
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
V
VOH
All inputs /outputs except ERR
VCC = 4.5 V
IOH = − 15 mA
2.4
V
VOH
All inputs /outputs except ERR
VCC = 4.5 V
IOH = − 24 mA
2
V
IOH
ERR
VCC = 4.5 V,
VOH = 2.4 V
20
µA
VOL
VCC = 4.5 V,
IOL = 48 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 5.5 V
0.1
mA
IIH‡
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL‡
Data
VCC = 5.5 V,
VI = 0.4 V
− 0.2
mA
IIL‡
Control
VCC = 5.5 V,
VI = 0.4 V
− 0.75
mA
IOS§
VCC = 5.5 V,
VO = 0
−75
− 250
mA
ICCL
VCC = 5.5 V,
Outputs open
55
80
mA
ICCZ
VCC = 5.5 V,
Outputs open
30
45
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ These parameters include off-state output current for I/O ports only.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
MIN
MAX
UNIT
CLK high
10
tw
Pulse duration
CLK low
10
ns
tw
Pulse duration
CLR low
10
ns
tsu
Setup time before CLK
Bi and PARITY
12
ns
tsu
Setup time before CLK
CLR inactive
12
ns
th
Hold time after CLK
Bi and PARITY
0
ns


同様の部品番号 - SN74BCT29834DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74BCT29834DW TI-SN74BCT29834DW Datasheet
98Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
More results

同様の説明 - SN74BCT29834DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS29833 TI-SN74ALS29833 Datasheet
102Kb / 6P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29854 TI-SN74BCT29854 Datasheet
99Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29854 TI1-SN74ALS29854 Datasheet
221Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29833 TI1-SN74BCT29833 Datasheet
110Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29853 TI1-SN74BCT29853 Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29833 TI1-SN74ALS29833_11 Datasheet
229Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29834 TI-SN74BCT29834 Datasheet
98Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com