データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4930 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4930
部品情報  Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4930 データシート(HTML) 4 Page - Texas Instruments

  LM4930 Datasheet HTML 1Page - Texas Instruments LM4930 Datasheet HTML 2Page - Texas Instruments LM4930 Datasheet HTML 3Page - Texas Instruments LM4930 Datasheet HTML 4Page - Texas Instruments LM4930 Datasheet HTML 5Page - Texas Instruments LM4930 Datasheet HTML 6Page - Texas Instruments LM4930 Datasheet HTML 7Page - Texas Instruments LM4930 Datasheet HTML 8Page - Texas Instruments LM4930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LM4930
SNAS212C – JULY 2003 – REVISED MAY 2013
www.ti.com
System Control Registers
The LM4930 is controlled with a two-wire serial interface. This interface is used to configure the operating mode,
digital interfaces, and delta-sigma modulators. The LM4930 is controlled by writing information into a series of
write-only registers, each with its own unique 7 bit address. The following registers are programmable:
Table 1. BASIC CONFIGURATION Registers(1)
BASIC CONFIGURATION (XX1000). (Set = logic 1, Clear = logic 0)
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
Register
Description
3:0
MODE
The LM4930 can be placed in one of several modes that dictate the basic operation. When a new
mode is selected the LM4930 will change operation silently and will re-configure the power
management profile automatically. The modes are described as follows:(2)
Mode
Mono Speaker
Headphone Left
Headphone Right
Comment
Amplifier Source
Source
Source
0000
None
None
None
Powerdown mode
0001
None
None
None
Standby mode
0010
Voice
None
None
Mono speaker
mode
0011
None
Voice
Voice
Headphone call
mode
0100
Voice
Voice
Voice
Conference call
mode
0101
Audio (L+R)
None
None
L+R mixed to mono
speaker
0110
None
Audio (Left)
Audio (Right)
Headphone stereo
audio
0111
Audio (L+R)
Audio (Left)
Audio (Right)
L+R mixed to mono
speaker + stereo
headphone audio
1000
Audio (Left)
Voice
Voice
Mixed Mode
1001
Voice + Audio (Left) Voice
Voice
Mixed mode
1010
Voice
Audio (Left)
Audio (Left)
Mixed Mode
4
SOFT_RESET
Resets the LM4930, excluding the control registers
5
PCM_LONG
If set the PCM interface uses a long frame sync.(3)
6
PCM_COMPANDED
If set the 8 MSBs are presumed to be companded data and the 8 LSBs are ignored.(3)
7
PCM_LAW
If set, the companded G711 data is set to be A-law, else µ-law is assumed(3)
8:9
PCM_SYNC_MODE
Sets 1 (00h), 2 (01h) or 4(10h) 16 bit frames per sync. The PCM_SDO pin is tri-stated during the
latter frames.(3)
10
PCM_ALWAYS_ON
This bit should be set if another codec is using the PCM bus. When set, the LM4930 will drive the
clock and sync signals in all modes except Powerdown(3)
11
I2S_M/S
I2S master or slave select. If set then I2S = master. Cleared = slave
12
I2S_RES
I2S resolution select. If set then 32 bits per frame. If cleared then 16 bits per frame
13
RSVD
RESERVED(4)
14
RSVD
RESERVED(4)
15
RSVD
RESERVED(4)
(1)
This register is used to configure the I2S and PCM interfaces as well as the 48kHz DAC module. The 7 bit address for the
BASICCONFIG register is XX10000.
(X = 0 if ADDR is set to logic 0)
(X = 1 if ADDR is set to logic 1)
(2)
With the exception of Standby Mode, rapid switching between modes should be avoided. Rapid switching between modes will not
ensure that the desired mode will be activated.
(3)
It is recommended to alter this bit only while the part is in Powerdown Mode.
(4)
Reserved bits should be set to zero when programming the associated register.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4930


同様の部品番号 - LM4930

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930ITL NSC-LM4930ITL Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results

同様の説明 - LM4930

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com