データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ-LC28CA データシート(PDF) 3 Page - SUNMATE electronic Co., LTD

部品番号 SMBJ-LC28CA
部品情報  SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMBJ-LC28CA データシート(HTML) 3 Page - SUNMATE electronic Co., LTD

  SMBJ-LC28CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMBJ-LC28CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMBJ-LC28CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMBJ-LC28CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMBJ-LC100CA
SMBJ-LC188CA
SMBJ-LC170CA
SMBJ-LC160CA
SMBJ-LC150CA
SMBJ-LC130CA
SMBJ-LC120CA
SMBJ-LC110CA
SMBJ-LC90CA
SMBJ-LC78CA
SMBJ-LC85CA
SMBJ-LC75CA
SMBJ-LC64CA
SMBJ-LC60CA
SMBJ-LC70CA
SMBJ-LC58CA
SMBJ-LC54CA
SMBJ-LC51CA
SMBJ-LC48CA
SMBJ-LC45CA
SMBJ-LC43CA
SMBJ-LC40CA
SMBJ-LC36CA
ELECTRICAL CHARACTERISTICS(Rating at 25 °C ambient temperature unless otherwise specified)
SMBJ-LC36A
SMBJ-LC40A
SMBJ-LC43A
SMBJ-LC45A
SMBJ-LC48A
SMBJ-LC51A
SMBJ-LC54A
SMBJ-LC58A
SMBJ-LC60A
SMBJ-LC64A
SMBJ-LC70A
SMBJ-LC75A
SMBJ-LC78A
SMBJ-LC85A
SMBJ-LC90A
SMBJ-LC100A
SMBJ-LC110A
SMBJ-LC120A
SMBJ-LC130A
SMBJ-LC150A
SMBJ-LC160A
SMBJ-LC170A
SMBJ-LC188A
Notes:
(1) Pulse test : tp 50ms.
(2) "SMBJ-L" will be omitted in marking on the diode.
3 of 4
40.8
49.7
1.0
36
1.0
9.3
64.3
80
40.8
45.0
1.0
36
1.0
10.3
58.1
80
45.2
55.1
1.0
40
1.0
8.4
71.4
80
45.2
49.9
1.0
40
1.0
9.3
64.5
80
48.6
59.2
1.0
43
1.0
7.8
76.7
80
48.6
53.6
1.0
43
1.0
8.6
69.4
80
50.8
61.9
1.0
45
1.0
7.5
80.3
80
50.8
56.1
1.0
45
1.0
8.3
72.7
80
54.1
65.9
1.0
48
1.0
7.0
85.5
80
54.1
59.7
1.0
48
1.0
7.7
77.4
80
57.5
70.1
1.0
51
1.0
6.6
91.1
80
57.5
63.5
1.0
51
1.0
7.3
82.4
80
60.8
74.1
1.0
54
1.0
6.2
96.3
80
60.8
67.1
1.0
54
1.0
6.9
87.1
80
65.2
79.5
1.0
58
1.0
5.8
103
80
65.2
72.0
1.0
58
1.0
6.4
93.6
80
67.5
82.3
1.0
60
1.0
5.6
107
80
67.5
74.5
1.0
60
1.0
6.2
96.8
80
71.9
87.7
1.0
64
1.0
5.3
114
80
71.9
79.4
1.0
64
1.0
5.8
103
80
78.6
95.9
1.0
70
1.0
4.8
125
80
78.6
86.8
1.0
70
1.0
5.3
113
80
84.1
102.8
1.0
75
1.0
4.5
134
80
84.1
92.9
1.0
75
1.0
4.9
121
80
87.5
106.8
1.0
78
1.0
4.3
139
80
87.5
96.6
1.0
78
1.0
4.7
126
80
95.2
115.8
1.0
85
1.0
3.9
151
80
95.2
104.8
1.0
85
1.0
4.4
137
80
100.8
122.8
1.0
90
1.0
3.8
160
80
100.8
111.8
1.0
90
1.0
4.1
146
80
111.8
136.8
1.0
100
1.0
3.4
179
80
111.8
123.8
1.0
100
1.0
3.7
162
80
122.8
149.8
1.0
110
1.0
3.0
196
80
122.8
135.8
1.0
110
1.0
3.4
177
80
133.8
163.8
1.0
120
1.0
2.8
214
80
133.8
147.8
1.0
120
1.0
3.1
193
80
144.8
176.8
1.0
130
1.0
2.6
231
80
144.8
159.8
1.0
130
1.0
2.9
209
80
167.8
204.8
1.0
150
1.0
2.2
268
80
167.8
185.8
1.0
150
1.0
2.5
243
80
178.8
218.8
1.0
160
1.0
2.1
287
80
178.8
197.8
1.0
160
1.0
2.3
259
80
189.8
231.8
1.0
170
1.0
2.0
304
80
189.8
209.8
1.0
170
1.0
2.2
275
80
209.8
255.8
1.0
188
1.0
1.7
344
80
209.8
231.8
1.0
188
1.0
2.0
328
80
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ I T
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
@0 Volt
Type
www.sunmate.tw
Capacitance
Maximum
Junction


同様の部品番号 - SMBJ-LC28CA

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SMBJ-LC28CA SUNMATE-SMBJ-LC28CA Datasheet
295Kb / 4P
   Transient Voltage Suppressor
More results

同様の説明 - SMBJ-LC28CA

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJLCE6.5A SUNMATE-SMCJLCE6.5A Datasheet
758Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ-LC5.0 EIC-SMBJ-LC5.0 Datasheet
125Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
   SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCB6.5A SUNMATE-SLCB6.5A Datasheet
548Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0BULC CENTRAL-CTLTVS5V0BULC Datasheet
808Kb / 6P
   SURFACE MOUNT SILICON BI-DIRECTIONAL LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
R4 19-June 2019
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com