データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4970 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4970
部品情報  Audio Synchronized Color LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4970 データシート(HTML) 4 Page - Texas Instruments

  LM4970 Datasheet HTML 1Page - Texas Instruments LM4970 Datasheet HTML 2Page - Texas Instruments LM4970 Datasheet HTML 3Page - Texas Instruments LM4970 Datasheet HTML 4Page - Texas Instruments LM4970 Datasheet HTML 5Page - Texas Instruments LM4970 Datasheet HTML 6Page - Texas Instruments LM4970 Datasheet HTML 7Page - Texas Instruments LM4970 Datasheet HTML 8Page - Texas Instruments LM4970 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM4970
SNVS312D – JANUARY 2005 – REVISED MAY 2013
www.ti.com
Control Interface Electrical Characteristics
(1) (2)
The following specifications apply for 3V
≤ VDD ≤ 5V unless otherwise specified. Limits apply for TA = 25°C.
LM4970
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limits(4)(5)
t1
SCL period
2.5
μs (min)
t2
SDA Setup Time
100
ns (min)
t3
SDA Stable Time
0
ns (min)
t4
Start Condition Time
100
ns (min)
t5
Stop Condition Time
100
ns (min)
VIH
Digital Input High Voltage
0.7 x I2CVDD
V (min)
VIL
Digital Input Low Voltage
0.3 x I2CVDD
V (max)
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which specify specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at +25°C and represent the parametric norm.
(4)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
Color LED Driver Electrical Characteristics VDD = 5.0V
(1) (2) (3)
The following specifications apply for VDD = 5.0V unless otherwise specified. Limits apply for TA = 25°C.
LM4970
Units
Symbol
Parameter
Conditions
(Limits)
Typical(4)
Limits(5)(6)
IDDRGB
Supply Curent
2.5
4
mA (max)
ISDRGB
Shutdown Current
Shutdown Mode
1.5
3.5
μA (max)
.66X current drive setting
14
mA
1X current drive setting
21
mA
ILED
LED Drive Current
1.33X current drive setting
30
mA
2X current drive setting
42
23
mA (min)
fPWM
PWM Frequency
PWM_F<1:0> = '01'
60
Hz
Maximum setting
12
dB
Input Signal Level Gain Control
Minimum setting
–11
dB
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which specify specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Shutdown current and supply current are measured in a normal room environment. All digital input pins are connected to I2CVDD.
(4)
Typicals are measured at +25°C and represent the parametric norm.
(5)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(6)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4970


同様の部品番号 - LM4970

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
   Audio Synchronized Color LED Driver
More results

同様の説明 - LM4970

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
   Audio Synchronized Color LED Driver
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
   Color LED Driver with Audio Synchronizer
logo
Texas Instruments
LP3950 TI1-LP3950 Datasheet
1Mb / 38P
[Old version datasheet]   Color LED Driver with Audio Synchronizer
logo
Monolithic Power System...
EV3307-J-00A MPS-EV3307-J-00A Datasheet
448Kb / 6P
   Non-Synchronized White LED Driver Evaluation Board
logo
National Semiconductor ...
LP3952 NSC-LP3952 Datasheet
1Mb / 44P
   6-Channel Color LED Driver with Audio Synchronization
logo
Texas Instruments
LP3952 TI1-LP3952 Datasheet
1Mb / 46P
[Old version datasheet]   6-Channel Color LED Driver with Audio Synchronization
logo
Integrated Silicon Solu...
IS31FL3189 ISSI-IS31FL3189 Datasheet
434Kb / 17P
   AUDIO MODULATED LED DRIVER
logo
List of Unclassifed Man...
BU8770FV ETC-BU8770FV Datasheet
169Kb / 2P
   Intelligent three-color LED driver
logo
Bright Power Semiconduc...
BP5912A BPS-BP5912A Datasheet
226Kb / 2P
   Color Temperature Switch LED Driver
BP5912B BPS-BP5912B Datasheet
226Kb / 2P
   Color Temperature Switch LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com