データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMDJ12 データシート(PDF) 2 Page - SUNMATE electronic Co., LTD

部品番号 SMDJ12
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMDJ12 データシート(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMDJ12 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMDJ12 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMDJ12 Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMDJ12 Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
Marking
RDD
DDD
6 40
7 30
10
9 6
312 50
1000
6.40
7.00
7.37
10
9.2
326.09
1000
6.67
8.15
10
11.4
263.16
1000
6.67
7.37
10
10.3
291.26
1000
RDH
DDH
7.22
8.82
10
12.3
243.90
500
7.22
7.98
10
11.2
267.86
500
RDL
DDL
7.78
9.51
10
13.3
225.56
200
7.78
8.60
10
12.0
250.00
200
DDN
8.33
10.20
1
14.3
209.79
100
8.33
9.21
1
12.9
232.56
100
8.89
10.90
1
15.0
200.00
50
DDR
8.89
9.83
1
13.6
220.59
50
9.44
11.50
1
15.9
188.68
25
9.44
10.40
1
14.4
208.33
25
DDU
10.00
12.20
1
16.9
177.51
10
10.00
11.10
1
15.4
194.81
10
11.10
13.60
1
18.8
159.57
5
11.10
12.30
1
17.0
176.47
5
12.20
14.90
1
20.1
149.25
5
12.20
13.50
1
18.2
164.84
5
13.30
16.30
1
22.0
136.36
5
13.30
14.70
1
19.9
150.75
5
14.40
17.60
1
23.8
126.05
5
14.40
15.90
1
21.5
139.53
5
15.60
19.10
1
25.8
116.28
5
15.60
17.20
1
23.2
129.31
5
16.70
20.40
1
26.9
111.52
5
16.70
18.50
1
24.4
122.95
5
17.80
21.80
1
28.8
104.17
5
17.80
19.70
1
26.0
115.38
5
18.90
23.10
1
30.5
98.36
5
18.90
20.90
1
27.6
108.70
5
20.00
24.40
1
32.2
93.17
5
20.00
22.10
1
29.2
102.74
5
21.13
25.76
1
34.0
88.21
5
21.10
23.30
1
30.8
97.47
5
22.20
27.10
1
35.8
83.80
5
22.20
24.50
1
32.4
92.59
5
24.40
29.80
1
39.4
76.14
5
24.40
26.90
1
35.5
84.51
5
26.70
32.60
1
43.0
69.77
5
26.70
29.50
1
38.9
77.12
5
28.90
35.30
1
46.6
64.38
5
28.90
31.90
1
42.1
71.26
5
31.10
38.00
1
50.0
60.00
5
31.10
34.40
1
45.4
66.08
5
33.30
40.70
1
53.5
56.07
5
33.30
36.80
1
48.4
61.98
5
36.70
44.90
1
59.0
50.85
5
36.70
40.60
1
53.3
56.29
5
40.00
48.90
1
64.3
46.66
5
40.00
44.20
1
58.1
51.64
5
44.40
54.30
1
71.4
42.02
5
44.40
49.10
1
64.5
46.51
5
47.80
58.40
1
76.7
39.11
5
47 80
52 80
1
69 4
43 23
5
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
(Uni)
(Bi)
V
(V)
VBR MIN(V)
VBR MAX(V)
T (mA)
VC(V)
IPP(A)
IR(uA)
TYPE
(Uni)
(Bi)
www.sunmate.tw
I
SMDJ5.0
SMDJ5.0A
SMDJ6.0
SMDJ6 0A
SMDJ6.5
SMDJ6.5A
SMDJ7.0
SMDJ7.0A
SMDJ7.5
SMDJ7.5A
SMDJ8.0
SMDJ8.0A
SMDJ8.5
SMDJ8.5A
SMDJ9.0
SMDJ9.0A
SMDJ10
SMDJ10A
SMDJ11
SMDJ11A
SMDJ12
SMDJ12A
SMDJ13
SMDJ13A
SMDJ14
SMDJ14A
SMDJ15
SMDJ15A
SMDJ16
SMDJ16A
SMDJ17
SMDJ17A
SMDJ18
SMDJ18A
SMDJ19
SMDJ19A
SMDJ20
SMDJ20A
SMDJ22
SMDJ22A
SMDJ24
SMDJ24A
SMDJ26
SMDJ26A
SMDJ28
SMDJ28A
SMDJ30
SMDJ30A
SMDJ33
SMDJ33A
SMDJ36
SMDJ36A
SMDJ40
SMDJ40A
SMDJ43
SMDJ43A
SMDJ5 0C
SMDJ5.0CA
SMDJ6.0C
SMDJ6 0CA
SMDJ6.5C
SMDJ6.5CA
SMDJ7.0C
SMDJ7.0CA
SMDJ7.5C
SMDJ7.5CA
SMDJ8.0C
SMDJ8.0CA
SMDJ8.5C
SMDJ8.5CA
SMDJ9.0C
SMDJ9.0CA
SMDJ10C
SMDJ10CA
SMDJ11C
SMDJ11CA
SMDJ12C
SMDJ12CA
SMDJ13C
SMDJ13CA
SMDJ14C
SMDJ14CA
SMDJ15C
SMDJ15CA
SMDJ16C
SMDJ16CA
SMDJ17C
SMDJ17CA
SMDJ18C
SMDJ18CA
SMDJ19C
SMDJ19CA
SMDJ20C
SMDJ20CA
SMDJ22C
SMDJ22CA
SMDJ24C
SMDJ24CA
SMDJ26C
SMDJ26CA
SMDJ28C
SMDJ28CA
SMDJ30C
SMDJ30CA
SMDJ33C
SMDJ33CA
SMDJ36C
SMDJ36CA
SMDJ40C
SMDJ40CA
SMDJ43C
SMDJ43CA
RDE
RDF
RDG
RDK
PDM
PDN
PDP
PDQ
PDR
PDS
PDT
PDU
PDV
PDW
PDX
PDY
PDZ
PED
PEE
PEF
PEG
PEH
PEK
PEL
PEM
PEN
PEP
PEQ
PER
PES
PET
PEA
PEB
PEU
PEV
PEW
PEX
PEY
PEZ
PFD
PFE
PFF
PFG
PFH
PFK
PFL
PFM
PFN
PFP
PFQ
PFR
PFS
PFT
DDE
DDF
DDG
DDK
DDM
DDP
DDQ
DDS
DDT
DDV
DDW
DDX
DDY
DDZ
DED
DEE
DEF
DEG
DEH
DEK
DEL
DEM
DEN
DEP
DEQ
DER
DES
DET
DEA
DEB
DEU
DEV
DEW
DEX
DEY
DEZ
DFD
DFE
DFF
DFG
DFH
DFK
DFL
DFM
DFN
DFP
DFQ
DFR
DFS
DFT
5 0
5.0
6.0
6 0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.0
8.5
8.5
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
13.0
14.0
14.0
15.0
15.0
16.0
16.0
17.0
17.0
18.0
18.0
19.0
19.0
20.0
20.0
22.0
22.0
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
36.0
36.0
40.0
40.0
43.0
43 0


同様の部品番号 - SMDJ12

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMDJ12 ETC1-SMDJ12 Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Shenzhen Luguang Electr...
SMDJ12 LUGUANG-SMDJ12 Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMDJ12 SOCAY-SMDJ12 Datasheet
624Kb / 7P
   Surface Mount Transient Voltage Suppressors
logo
First Silicon Co., Ltd
SMDJ12 FS-SMDJ12 Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Socay Electornics Co., ...
SMDJ12 SOCAY-SMDJ12 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

同様の説明 - SMDJ12

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
MMF11A SUNMATE-MMF11A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24A SUNMATE-MMF24A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24CA SUNMATE-MMF24CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF28CA SUNMATE-MMF28CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF36CA SUNMATE-MMF36CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB11CA SUNMATE-1SMB11CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB51CA SUNMATE-1SMB51CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB85A SUNMATE-1SMB85A Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMAJ120A SUNMATE-SMAJ120A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMAJ150CA SUNMATE-SMAJ150CA Datasheet
787Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMA5J22CA SUNMATE-SMA5J22CA Datasheet
749Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com