データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALS878A データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74ALS878A
部品情報  DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS878A データシート(HTML) 5 Page - Texas Instruments

  SN74ALS878A Datasheet HTML 1Page - Texas Instruments SN74ALS878A Datasheet HTML 2Page - Texas Instruments SN74ALS878A Datasheet HTML 3Page - Texas Instruments SN74ALS878A Datasheet HTML 4Page - Texas Instruments SN74ALS878A Datasheet HTML 5Page - Texas Instruments SN74ALS878A Datasheet HTML 6Page - Texas Instruments SN74ALS878A Datasheet HTML 7Page - Texas Instruments SN74ALS878A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN54ALS878A, SN54ALS879A
SN74ALS878A, SN74ALS879A
DUAL 4BIT DTYPE EDGETRIGGERED FLIPFLOPS WITH 3STATE OUTPUTS
SDAS062A − D2661, APRIL 1982 − REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
5
switching characteristics (see Note 1)
VCC = 5 V,
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
CL = 50 pF,
R1 = 500
Ω,
R1 = 500
,
PARAMETER
FROM
TO
R2 = 500
Ω,
R2 = 500
,
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TA = 25°C
TA = MIN to MAX
UNIT
’ALS878A
’ALS879A
SN54ALS878A
SN54ALS879A
SN74ALS878A
SN74ALS879A
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
’ALS878A
40
50
25
30
MHz
fmax
’ALS879A
40
50
20
25
MHz
tPLH
CLK
Q or Q
8
10
4
15
4
14
ns
tPHL
CLK
Q or Q
9
13
4
17
4
16
ns
tPZH
OC
Q or Q
9
13
4
22
4
20
ns
tPZL
OC
Q or Q
11
15
4
22
4
20
ns
tPHZ
OC
Q or Q
6
8
2
12
2
10
ns
tPLZ
OC
Q or Q
7
10
3
18
3
15
ns
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.


同様の部品番号 - SN74ALS878A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS878A TI-SN74ALS878A Datasheet
285Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS878AFN TI-SN74ALS878AFN Datasheet
285Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALS878A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ALS878A TI-SN54ALS878A Datasheet
285Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11874 TI1-74ACT11874 Datasheet
107Kb / 7P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162374 HITACHI-HD74ALVCH162374 Datasheet
55Kb / 12P
   16-bit Edge triggered D-type Flip Flops with 3-state Outputs
logo
Texas Instruments
SN54ABT16374A TI-SN54ABT16374A_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT16374 TI-SN54ACT16374 Datasheet
178Kb / 10P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374_08 Datasheet
350Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com