データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CBTLV3857DBQR データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74CBTLV3857DBQR
部品情報  LOW-VOLTAGE 10-BIT FET BUS SWITCH WITH INTERNAL PULLDOWN RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBTLV3857DBQR データシート(HTML) 4 Page - Texas Instruments

  SN74CBTLV3857DBQR Datasheet HTML 1Page - Texas Instruments SN74CBTLV3857DBQR Datasheet HTML 2Page - Texas Instruments SN74CBTLV3857DBQR Datasheet HTML 3Page - Texas Instruments SN74CBTLV3857DBQR Datasheet HTML 4Page - Texas Instruments SN74CBTLV3857DBQR Datasheet HTML 5Page - Texas Instruments SN74CBTLV3857DBQR Datasheet HTML 6Page - Texas Instruments SN74CBTLV3857DBQR Datasheet HTML 7Page - Texas Instruments SN74CBTLV3857DBQR Datasheet HTML 8Page - Texas Instruments SN74CBTLV3857DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74CBTLV3857
LOW VOLTAGE 10BIT FET BUS SWITCH
WITH INTERNAL PULLDOWN RESISTORS
SCDS085E − OCTOBER 1998 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC = 3.3 V ± 0.3 V AND VDDQ = 2.5 ± 0.2 V
VDDQ/2
VDDQ/2
VREF†
VREF†
VOH
VOL
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
500
500
Output
Control
Output
Waveform 1
S1 at 2
× VDDQ
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
VIL (AC)§
VOL + 0.15 V
VOH − 0.15 V
0 V
VIH (AC)‡
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
VDDQ × 2
GND
TEST
S1
† VREF = 0.38 × VCC
‡ VIH(AC) = VREF + 350 mV
§ VIL(AC) = VREF − 350 mV
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
tPHL
VDDQ/2
VDDQ/2
VDDQ
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VDDQ/2
VDDQ/2
tPLH
VDDQ × 2
VDDQ
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - SN74CBTLV3857DBQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTLV3857DBQ TI-SN74CBTLV3857DBQ Datasheet
67Kb / 5P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH WITH INTERNAL PULLDOWN RESISTORS
More results

同様の説明 - SN74CBTLV3857DBQR

メーカー部品番号データシート部品情報
logo
Integrated Circuit Syst...
ICS9S857 ICST-ICS9S857 Datasheet
271Kb / 3P
   Low-Voltage 10-Bit FET BUS Switch With Internal Pulldown Resistors
logo
Texas Instruments
SN74CBTLV3857 TI-SN74CBTLV3857 Datasheet
67Kb / 5P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV16292 TI-SN74CBTLV16292 Datasheet
193Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLVR16292 TI-SN74CBTLVR16292 Datasheet
193Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT162292 TI-SN74CBT162292 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com