データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CBTD3861PWG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CBTD3861PWG4
部品情報  10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBTD3861PWG4 データシート(HTML) 5 Page - Texas Instruments

  SN74CBTD3861PWG4 Datasheet HTML 1Page - Texas Instruments SN74CBTD3861PWG4 Datasheet HTML 2Page - Texas Instruments SN74CBTD3861PWG4 Datasheet HTML 3Page - Texas Instruments SN74CBTD3861PWG4 Datasheet HTML 4Page - Texas Instruments SN74CBTD3861PWG4 Datasheet HTML 5Page - Texas Instruments SN74CBTD3861PWG4 Datasheet HTML 6Page - Texas Instruments SN74CBTD3861PWG4 Datasheet HTML 7Page - Texas Instruments SN74CBTD3861PWG4 Datasheet HTML 8Page - Texas Instruments SN74CBTD3861PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN74CBTD3861
10-BIT FET BUS SWITCH
WITH LEVEL SHIFTING
SCDS084G – JULY 1998 – REVISED JULY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VCC – Supply Voltage – V
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 85°C
VCC – Supply Voltage – V
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 25°C
100
µA
6 mA
12 mA
24 mA
VCC – Supply Voltage – V
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 0°C
100
µA
6 mA
12 mA
24 mA
100
µA
6 mA
12 mA
24 mA
4
3.75
3.5
3.25
3
2.75
2.5
2.25
2
1.75
1.5
4
3.75
3.5
3.25
3
2.75
2.5
2.25
2
1.75
1.5
4
3.75
3.5
3.25
3
2.75
2.5
2.25
2
1.75
1.5
4.5
4.75
5
5.25
5.5
5.75
4.5
4.75
5
5.25
5.5
5.75
4.5
4.75
5
5.25
5.5
5.75
Figure 2. VOH Values


同様の部品番号 - SN74CBTD3861PWG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTD3861PW TI-SN74CBTD3861PW Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861PWE4 TI-SN74CBTD3861PWE4 Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861PWR TI-SN74CBTD3861PWR Datasheet
80Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861PWR TI-SN74CBTD3861PWR Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861PWRE4 TI-SN74CBTD3861PWRE4 Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
More results

同様の説明 - SN74CBTD3861PWG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTD3861 TI-SN74CBTD3861 Datasheet
80Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861_06 Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN54CBTD3384 TI-SN54CBTD3384 Datasheet
90Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
SN74CBTD3384 TI1-SN74CBTD3384_13 Datasheet
1Mb / 21P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210DGGR TI-SN74CBTD16210DGGR Datasheet
352Kb / 12P
[Old version datasheet]   SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com