データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALS879ADWR データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74ALS879ADWR
部品情報  DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS879ADWR データシート(HTML) 4 Page - Texas Instruments

  SN74ALS879ADWR Datasheet HTML 1Page - Texas Instruments SN74ALS879ADWR Datasheet HTML 2Page - Texas Instruments SN74ALS879ADWR Datasheet HTML 3Page - Texas Instruments SN74ALS879ADWR Datasheet HTML 4Page - Texas Instruments SN74ALS879ADWR Datasheet HTML 5Page - Texas Instruments SN74ALS879ADWR Datasheet HTML 6Page - Texas Instruments SN74ALS879ADWR Datasheet HTML 7Page - Texas Instruments SN74ALS879ADWR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN54ALS878A, SN54ALS879A
SN74ALS878A, SN74ALS879A
DUAL 4BIT DTYPE EDGETRIGGERED FLIPFLOPS WITH 3STATE OUTPUTS
SDAS062A − D2661, APRIL 1982 − REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
4
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54ALS878A, SN54ALS879A
−55
°C to 125°C
. . . . . . . . . . . . . . . .
SN74ALS878A, SN74ALS879A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54ALS878A
SN54ALS879A
SN74ALS878A
SN74ALS879A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
−1
− 2.6
mA
IOL
Low-level output current
12
24
mA
fclock
Clock frequency
’ALS878A
0
25
0
30
MHz
fclock
Clock frequency
’ALS879A
0
20
0
25
MHz
tw
Pulse duration
’ALS878A CLK high or low
20
16.5
ns
tw
Pulse duration
’ALS879A CLK high or low
25
20
ns
tsu
Setup time before CLK
Data
15
15
ns
tsu
Setup time before CLK
CLR
20
20
ns
th
Hold time after CLK
Data
4
4
ns
th
Hold time after CLK
CLR
0
0
ns
TA
Operating free-air temperature
−55
125
0
70
°
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
SN54ALS878A
SN74ALS878A
PARAMETER
TEST CONDITIONS
SN54ALS879A
SN74ALS879A
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
− 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VCC −2
VOH
VCC = 4.5 V,
IOH = − 1 mA
2.4
3.3
V
VCC = 4.5 V,
IOH = − 2.6 mA
2.4
3.2
VOL
VCC = 4.5 V,
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2. 7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
−20
−20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0 .4 V
− 0.2
− 0.2
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−30
−112
−30
−112
mA
Outputs high
14
23
14
23
ICC
VCC = 5.5 V
Outputs low
18
31
18
31
mA
Outputs disabled
20
33
20
33
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


同様の部品番号 - SN74ALS879ADWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS879ADW TI-SN74ALS879ADW Datasheet
285Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALS879ADWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ALS878A TI-SN54ALS878A Datasheet
285Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11874 TI1-74ACT11874 Datasheet
107Kb / 7P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162374 HITACHI-HD74ALVCH162374 Datasheet
55Kb / 12P
   16-bit Edge triggered D-type Flip Flops with 3-state Outputs
logo
Texas Instruments
SN54ABT16374A TI-SN54ABT16374A_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT16374 TI-SN54ACT16374 Datasheet
178Kb / 10P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374_08 Datasheet
350Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com