データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74F163ANSR データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74F163ANSR
部品情報  SYNCHRONOUS 4-BIT BINARY COUNTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F163ANSR データシート(HTML) 1 Page - Texas Instruments

  SN74F163ANSR Datasheet HTML 1Page - Texas Instruments SN74F163ANSR Datasheet HTML 2Page - Texas Instruments SN74F163ANSR Datasheet HTML 3Page - Texas Instruments SN74F163ANSR Datasheet HTML 4Page - Texas Instruments SN74F163ANSR Datasheet HTML 5Page - Texas Instruments SN74F163ANSR Datasheet HTML 6Page - Texas Instruments SN74F163ANSR Datasheet HTML 7Page - Texas Instruments SN74F163ANSR Datasheet HTML 8Page - Texas Instruments SN74F163ANSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN74F163A
SYNCHRONOUS 4-BIT BINARY COUNTER
SDFS088A – MARCH 1987 – REVISED AUGUST 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Internal Look-Ahead Circuitry for Fast
Counting
D Carry Output for N-Bit Cascading
D Fully Synchronous Operation for Counting
description
This
synchronous,
presettable,
4-bit
binary
counter has internal carry look-ahead circuitry
for
use
in
high-speed
counting
designs.
Synchronous operation is provided by having all
flip-flops clocked simultaneously so that the
outputs change coincident with each other when
so instructed by the count-enable (ENP, ENT) inputs and internal gating. This mode of operation eliminates the
output counting spikes that normally are associated with asynchronous (ripple-clock) counters. However,
counting spikes can occur on the ripple-carry (RCO) output. A buffered clock (CLK) input triggers the four
flip-flops on the rising (positive-going) edge of CLK.
This counter is fully programmable. That is, it can be preset to any number between 0 and 15. Because
presetting is synchronous, a low logic level at the load (LOAD) input disables the counter and causes the outputs
to agree with the setup data after the next clock pulse, regardless of the levels of ENP and ENT.
The clear function is synchronous, and a low logic level at the clear (CLR) input sets all four of the flip-flop outputs
to low after the next low-to-high transition of the clock, regardless of the levels of ENP and ENT. This
synchronous clear allows the count length to be modified easily by decoding the Q outputs for the maximum
count desired. The active-low output of the gate used for decoding is connected to the clear input to
synchronously clear the counter to 0000 (LLLL).
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications, without
additional gating. This function is implemented by the ENP and ENT inputs and an RCO output. Both ENP and
ENT must be high to count, and ENT is fed forward to enable RCO. RCO, thus enabled, produces a
high-logic-level pulse while the count is 15 (HHHH). The high-logic-level overflow ripple-carry pulse can be used
to enable successive cascaded stages. Transitions at ENP or ENT are allowed, regardless of the level of CLK.
The SN74F163A features a fully independent clock circuit. Changes at ENP, ENT, or LOAD that modify the
operating mode have no effect on the contents of the counter until clocking occurs. The function of the counter
(whether enabled, disabled, loading, or counting) is dictated solely by the conditions meeting the setup and hold
times.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74F163AN
SN74F163AN
0
°Cto70°C
SOIC
D
Tube
SN74F163AD
F163A
0
°C to 70°C
SOIC – D
Tape and reel
SN74F163ADR
F163A
SSOP – DB
Tape and reel
SN74F163ADBR
F163A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DB, OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD


同様の部品番号 - SN74F163ANSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74F163ANSR TI-SN74F163ANSR Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163ANSRE4 TI-SN74F163ANSRE4 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
More results

同様の説明 - SN74F163ANSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A_07 Datasheet
434Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74HC163-Q1 TI1-SN74HC163-Q1 Datasheet
278Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTER
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
NXP Semiconductors
74HC4520N NXP-74HC4520N Datasheet
52Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com