データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74F2244DW データシート(PDF) 3 Page - Texas Instruments

部品番号 SN74F2244DW
部品情報  25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F2244DW データシート(HTML) 3 Page - Texas Instruments

  SN74F2244DW Datasheet HTML 1Page - Texas Instruments SN74F2244DW Datasheet HTML 2Page - Texas Instruments SN74F2244DW Datasheet HTML 3Page - Texas Instruments SN74F2244DW Datasheet HTML 4Page - Texas Instruments SN74F2244DW Datasheet HTML 5Page - Texas Instruments SN74F2244DW Datasheet HTML 6Page - Texas Instruments SN74F2244DW Datasheet HTML 7Page - Texas Instruments SN74F2244DW Datasheet HTML 8Page - Texas Instruments SN74F2244DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74F2244
25 Ω OCTAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SDFS095B − NOVEMBER 1993 − REVISED JANUARY 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
−18
mA
IOH
High-level output current
−15
mA
IOL
Low-level output current
12
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
V
VCC = 4.5 V,
IOH = − 3 mA
2.4
2.8
VOH
VCC = 4.5 V
IOH = − 15 mA
2
2.3
V
VOH
VCC = 4.75 V,
IOH = − 3 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 1 mA
0.2
0.5
V
VOL
VCC = 4.5 V,
IOL = 12 mA
0.5
0.75
V
II
VCC = 5.5 V,
VI = 0.5 V
0.1
mA
IOZH
VCC = 5.5 V,
VO = 7 V
50
µA
IOZL
VCC = 5.5 V,
VO = 2.7 V
−50
µA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
Any OE input
VCC = 5.5 V,
VI = 0.5 V
−1
mA
IIL
Any A input
VCC = 5.5 V,
VI = 0.5 V
− 1.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
− 100
− 225
mA
VCC = 5.5 V,
Outputs high
40
60
ICC
VCC = 5.5 V,
Outputs open
Outputs low
60
90
mA
ICC
Outputs open
Outputs disabled
60
90
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 PF,
R1 = 500 Ω,
R2 = 500 Ω,
TA = 25°C
VCC = 4.5 V TO 5.5 V,
CL = 50 PF,
R1 = 500 Ω,
R2 = 500 Ω,
TA = MIN TO MAX§
UNIT
MIN
MAX
MIN
MAX
tPLH
A
Y
1.5
7
1.5
7
ns
tPHL
A
Y
2.5
8
2
8
ns
tPZH
OE
Y
1.5
9
1
9.5
ns
tPZL
OE
Y
2.5
11.5
2.5
12
ns
tPHZ
OE
Y
1.5
9
1
9.5
ns
tPLZ
OE
Y
1.5
8.5
1.5
9.5
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


同様の部品番号 - SN74F2244DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74F2244DW TI-SN74F2244DW Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74F2244DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74F2244 TI-SN74F2244 Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI1-SN64BCT25244_15 Datasheet
136Kb / 8P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com