データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74FB2031RC データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74FB2031RC
部品情報  9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74FB2031RC データシート(HTML) 1 Page - Texas Instruments

  SN74FB2031RC Datasheet HTML 1Page - Texas Instruments SN74FB2031RC Datasheet HTML 2Page - Texas Instruments SN74FB2031RC Datasheet HTML 3Page - Texas Instruments SN74FB2031RC Datasheet HTML 4Page - Texas Instruments SN74FB2031RC Datasheet HTML 5Page - Texas Instruments SN74FB2031RC Datasheet HTML 6Page - Texas Instruments SN74FB2031RC Datasheet HTML 7Page - Texas Instruments SN74FB2031RC Datasheet HTML 8Page - Texas Instruments SN74FB2031RC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74FB2031
9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SCBS176N – NOVEMBER 1991 – REVISED JUNE 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Compatible With IEEE Std 1194.1-1991
(BTL)
D TTL A Port, Backplane Transceiver Logic
(BTL) B Port
D Open-Collector B-Port Outputs Sink
100 mA
D High-Impedance State During Power Up
and Power Down
D BIAS VCC Minimizes Signal Distortion
During Live Insertion or Withdrawal
D B-Port Biasing Network Preconditions the
Connector and PC Trace to the BTL
High-Level Voltage
D TTL-Input Structures Incorporate Active
Clamping to Aid in Line Termination
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
RC PACKAGE
(TOP VIEW)
GND
A3
GND
A4
GND
A5
GND
A6
GND
A7
GND
A8
GND
GND
B2
GND
B3
GND
B4
GND
B5
GND
B6
GND
B7
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
description
The SN74FB2031 is a 9-bit transceiver designed to translate signals between TTL and backplane transceiver
logic (BTL) environments. The device is designed specifically to be compatible with IEEE Std 1194.1-1991.
The B port operates at BTL-signal levels. The open-collector B ports are specified to sink 100 mA. Two output
enables (OEB and OEB) are provided for the B outputs. When OEB is low, OEB is high, or VCC is less than 2.1 V,
the B port is turned off.
The A port operates at TTL signal levels. The A outputs reflect the inverse of the data at the B port when the
A-port output enable (OEA) is high. When OEA is low or VCC is less than 2.1 V, the A outputs are in the
high-impedance state.
Pins are allocated for the four-wire IEEE Std 1149.1 (JTAG) test bus, although currently there are no plans to
release a JTAG-featured version. TMS and TCK are not connected and TDI is shorted to TDO.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


同様の部品番号 - SN74FB2031RC

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74FB2031RC TI-SN74FB2031RC Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
More results

同様の説明 - SN74FB2031RC

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
DS38C86A TI1-DS38C86A Datasheet
203Kb / 12P
[Old version datasheet]   DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com