データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM53602-Q1 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM53602-Q1
部品情報  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53602-Q1 データシート(HTML) 7 Page - Texas Instruments

Back Button LM53602-Q1 Datasheet HTML 3Page - Texas Instruments LM53602-Q1 Datasheet HTML 4Page - Texas Instruments LM53602-Q1 Datasheet HTML 5Page - Texas Instruments LM53602-Q1 Datasheet HTML 6Page - Texas Instruments LM53602-Q1 Datasheet HTML 7Page - Texas Instruments LM53602-Q1 Datasheet HTML 8Page - Texas Instruments LM53602-Q1 Datasheet HTML 9Page - Texas Instruments LM53602-Q1 Datasheet HTML 10Page - Texas Instruments LM53602-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
LM53602-Q1, LM53603-Q1
www.ti.com
SNVSA42B – JUNE 2015 – REVISED MAY 2016
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply to the recommended operating junction temperature range of –40°C to 150°C, unless otherwise noted. Minimum
and maximum limits are verified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions
apply: VIN = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
(6)
See the Current Limit section for an explanation of valley current limit.
ILS
Low side switch current limit(6)
LM53603-Q1
3
3.6
4.3
A
LM53602-Q1
2
2.4
2.8
IZC
Zero-cross current limit
FPWM = 0 V
-0.02
A
INEG
Negative current limit
FPWM = 3.3 V
-1.5
A
Rdson
Power switch on-resistance
High side MOSFET resistance
135
290
m
Ω
Low side MOSFET resistance
60
125
FSW
Switching frequency
VIN = 3.8 V to 18 V
1.85
2.1
2.35
MHz
VIN = 36 V
1.2
FSYNC
Synchronizing frequency range
1.9
2.1
2.3
MHz
VCC
Internal VCC voltage
VBIAS = 3.3 V
3.15
V
TSD
Thermal shutdown thresholds
Rising
162
178
°C
Hysteresis, below
18
(1)
This parameter is valid once the input voltage has risen above VIN-operate and the device has started up.
(2)
Includes current into the EN pin. See Input Supply Current section.
7.6 System Characteristics
The following specifications apply only to the typical application circuit, shown in Figure 15 with nominal component values.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. The
parameters in this table are not guaranteed.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN-MIN
Minimum input voltage for Vout to
stay within ±2% of regulation. (1)
VOUT = 3.3 V, IOUT = 3 A
3.9
V
VOUT = 3.3 V, IOUT = 1 A
3.55
Regulation
Line Regulation
VOUT = 5 V, VIN = 8 V to 36 V, IOUT = 3 A
7
mV
VOUT = 3.3 V, VIN = 6 V to 36 V, IOUT = 3
A
5
Load Regulation : Auto Mode
VOUT = 5 V, VIN = 12 V, IOUT = 10 µA to 3
A
77
mV
VOUT = 3.3 V, VIN = 12 V, IOUT = 10 µA to
3 A
53
Load Regulation : FPWM Mode
VOUT = 5 V, VIN = 12 V, IOUT = 10 µA to 3
A
12
mV
VOUT = 3.3 V, VIN = 12 V, IOUT = 10 µA to
3 A
9
ISUPPLY
Input supply current when in
regulation.(2)
VIN = 13.5 V, VOUT = 3.3 V, IOUT = 0 A
24
µA
VIN = 13.5 V, VOUT = 5 V, IOUT = 0 A
34
VDROP
Dropout voltage (VIN – VOUT)
5 V Option:
VOUT = 4.95 V, IOUT = 3 A, FSW < 1.85
MHz
0.7
V
5 V Option:
VOUT = 5 V, IOUT = 3 A, FSW = 1.85 MHz
1.8
3.3 V Option:
VOUT = 3.27 V, IOUT = 3 A, FSW < 1.85
MHz
0.65
3.3 V Option:
VOUT = 3.3 V, IOUT = 3 A, FSW = 1.85
MHz
1.8


同様の部品番号 - LM53602-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM53602 TI1-LM53602 Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPR TI1-LM53602AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPT TI1-LM53602AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

同様の説明 - LM53602-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com