データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM536023QPWPTQ1 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM536023QPWPTQ1
部品情報  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM536023QPWPTQ1 データシート(HTML) 5 Page - Texas Instruments

  LM536023QPWPTQ1 Datasheet HTML 1Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 2Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 3Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 4Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 5Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 6Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 7Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 8Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
LM53602-Q1, LM53603-Q1
www.ti.com
SNVSA42B – JUNE 2015 – REVISED MAY 2016
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See System Characteristics for details of input voltage range.
(3)
Under no conditions should the output voltage be allowed to fall below zero volts.
(4)
The maximum recommended output voltage is 6 V. An extended output voltage range to 10 V is possible with changes to the typical
application schematic. Also, some system specifications will not be achieved for output voltages greater than 6 V. Consult the factory for
further information.
(5)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
7.3 Recommended Operating Conditions
over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
Input voltage(2)
3.9
36
V
Output voltage : Fixed 5 V(3)
0
5
V
Output voltage : Fixed 3.3 V(3)
0
3.3
V
Output voltage adjustment range: ADJ(3)(4)
3.3
6
V
Output current for LM53603-Q1
0
3
A
Output current for LM53602-Q1
0
2
A
RESET pin current
0
1
mA
Operating junction temperature(5)
–40
150
°C
(1)
The values given in this table are only valid for comparison with other packages and cannot be used for design purposes. These values
were calculated in accordance with JESD 51-7, and simulated on a 4-layer JEDEC board. They do not represent the performance
obtained in an actual application. For design information please see the Maximum Ambient Temperature section. For more information
about traditional and new thermal metrics, see the "Semiconductor and IC Package Thermal Metrics application report, SPRA953, and
the Using New Thermal Metrics applications report, SB VA025.
7.4 Thermal Information
THERMAL METRIC(1)
LM53603-Q1,
LM63602-Q1
UNIT
PWP (HTSSOP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
42.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.6
°C/W
RθJB
Junction-to-board thermal resistance
16.2
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
16.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.1
°C/W


同様の部品番号 - LM536023QPWPTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM53602 TI1-LM53602 Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPR TI1-LM53602AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPT TI1-LM53602AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

同様の説明 - LM536023QPWPTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com