データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM53625AQRNLRQ1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM53625AQRNLRQ1
部品情報  Step-Down DC-DC Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53625AQRNLRQ1 データシート(HTML) 11 Page - Texas Instruments

Back Button LM53625AQRNLRQ1 Datasheet HTML 7Page - Texas Instruments LM53625AQRNLRQ1 Datasheet HTML 8Page - Texas Instruments LM53625AQRNLRQ1 Datasheet HTML 9Page - Texas Instruments LM53625AQRNLRQ1 Datasheet HTML 10Page - Texas Instruments LM53625AQRNLRQ1 Datasheet HTML 11Page - Texas Instruments LM53625AQRNLRQ1 Datasheet HTML 12Page - Texas Instruments LM53625AQRNLRQ1 Datasheet HTML 13Page - Texas Instruments LM53625AQRNLRQ1 Datasheet HTML 14Page - Texas Instruments LM53625AQRNLRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Termperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
D026
VRESET_LOWER_RISING
VRESET_LOWER
VOUT
VRESET_UPPER
VRESET_UPPER_FALLING
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
94%
96%
98%
100%
102%
104%
106%
108%
D027
VRESET_LOWER
VRESET_UPPER
11
LM53625-Q1, LM53635-Q1
www.ti.com
SNVSAA7A – DECEMBER 2015 – REVISED MAY 2016
Product Folder Links: LM53625-Q1 LM53635-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified the following conditions apply: VIN = 12 V, TA = 25ºC. Specified temperatures are ambient.
Figure 7. RESET Threshold Fixed 5-V output
Figure 8. RESET Threshold as Percentage of Output Voltage


同様の部品番号 - LM53625AQRNLRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM53625AQRNLRQ1 TI1-LM53625AQRNLRQ1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
LM53625AQRNLRQ1 TI-LM53625AQRNLRQ1 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
More results

同様の説明 - LM53625AQRNLRQ1

メーカー部品番号データシート部品情報
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com