データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM53603AQPWPTQ1 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM53603AQPWPTQ1
部品情報  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53603AQPWPTQ1 データシート(HTML) 9 Page - Texas Instruments

Back Button LM53603AQPWPTQ1 Datasheet HTML 5Page - Texas Instruments LM53603AQPWPTQ1 Datasheet HTML 6Page - Texas Instruments LM53603AQPWPTQ1 Datasheet HTML 7Page - Texas Instruments LM53603AQPWPTQ1 Datasheet HTML 8Page - Texas Instruments LM53603AQPWPTQ1 Datasheet HTML 9Page - Texas Instruments LM53603AQPWPTQ1 Datasheet HTML 10Page - Texas Instruments LM53603AQPWPTQ1 Datasheet HTML 11Page - Texas Instruments LM53603AQPWPTQ1 Datasheet HTML 12Page - Texas Instruments LM53603AQPWPTQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Input Voltage (V)
0
5
10
15
20
25
30
35
40
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
D006
-40°C
27°C
125°C
Input Voltage (V)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
D003
-40°C
25°C
125°C
Input Voltage (V)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
D004
-40°C
27°C
125°C
Input Voltage (V)
0
5
10
15
20
25
30
35
40
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
D005
-40°C
27°C
125°C
Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D001
Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
1.8
1.85
1.9
1.95
2
2.05
2.1
2.15
2.2
D002
9
LM53602-Q1, LM53603-Q1
www.ti.com
SNVSA42B – JUNE 2015 – REVISED MAY 2016
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 12 V, TA = 25°C. Specified temperatures are ambient.
Figure 1. Reference Voltage for ADJ Device
Figure 2. Switching Frequency
Figure 3. High Side Peak Current Limit for LM53603-Q1
Figure 4. Low Side Valley Current Limit for LM53603-Q1
Figure 5. Short Circuit Output Current for LM53603-Q1
Figure 6. Shutdown Current


同様の部品番号 - LM53603AQPWPTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM53603AMPWPR TI1-LM53603AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53603AMPWPT TI1-LM53603AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

同様の説明 - LM53603AQPWPTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com