データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALS29823 データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74ALS29823
部品情報  9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS29823 データシート(HTML) 5 Page - Texas Instruments

  SN74ALS29823 Datasheet HTML 1Page - Texas Instruments SN74ALS29823 Datasheet HTML 2Page - Texas Instruments SN74ALS29823 Datasheet HTML 3Page - Texas Instruments SN74ALS29823 Datasheet HTML 4Page - Texas Instruments SN74ALS29823 Datasheet HTML 5Page - Texas Instruments SN74ALS29823 Datasheet HTML 6Page - Texas Instruments SN74ALS29823 Datasheet HTML 7Page - Texas Instruments SN74ALS29823 Datasheet HTML 8Page - Texas Instruments SN74ALS29823 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN54ALS29823, SN74ALS29823
9-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SDAS146B – JANUARY 1986 – REVISED JANUARY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74ALS29823
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4 75 V
IOH = – 15 mA
2.4
3.3
V
VOH
VCC = 4.75 V
IOH = – 24 mA
2
3.1
V
VOL
VCC = 4.75 V,
IOL = 48 mA
0.35
0.5
V
IOZH
VCC = 5.25 V,
VO = 2.4 V
20
µA
IOZL
VCC = 5.25 V,
VO = 0.4 V
–20
µA
II
VCC = 5.25 V,
VI = 5.5 V
0.1
mA
IIH
VCC = 5.25 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.25 V,
VI = 0.4 V
– 0.2
mA
IOS‡
VCC = 5.25 V,
VO = 0
–75
– 250
mA
ICC
VCC = 5.25 V,
Outputs open
80
115
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
switching characteristics (see Figure 1)
PARAMETER
FROM
TO
TEST CONDITIONS
VCC = MIN to MAX§,
TA = MIN to MAX§
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN74ALS29823
UNIT
MIN
MAX
tPLH
CLK
An Q
C50 pF
2
10
ns
tPHL
CLK
Any Q
CL = 50 pF
2
10
ns
tPLH
CLK
An Q
C
300 pF
16
ns
tPHL
CLK
Any Q
CL = 300 pF
16
ns
tPHL
CLR
Any Q
CL = 50 pF
12
ns
tPZH
OE
An Q
C50 pF
14
ns
tPZL
OE
Any Q
CL = 50 pF
14
ns
tPZH
OE
An Q
C
300 pF
20
ns
tPZL
OE
Any Q
CL = 300 pF
23
ns
tPHZ
OE
An Q
C50 pF
14
ns
tPLZ
OE
Any Q
CL = 50 pF
12
ns
tPHZ
OE
Any Q
CL 5 pF
9
ns
tPLZ
OE
Any Q
CL = 5 pF
9
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


同様の部品番号 - SN74ALS29823

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS29823 TI-SN74ALS29823 Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29823DW TI-SN74ALS29823DW Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29823NT TI-SN74ALS29823NT Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALS29823

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI1-SN54ABT823_15 Datasheet
664Kb / 18P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI1-SN54AS823A_15 Datasheet
273Kb / 12P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI-SN54ABT823 Datasheet
109Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI-SN54ALS29823 Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16821 TI-SN54ABT16821 Datasheet
122Kb / 7P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
[Old version datasheet]   8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com