データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74F253DR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74F253DR
部品情報  DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F253DR データシート(HTML) 5 Page - Texas Instruments

  SN74F253DR Datasheet HTML 1Page - Texas Instruments SN74F253DR Datasheet HTML 2Page - Texas Instruments SN74F253DR Datasheet HTML 3Page - Texas Instruments SN74F253DR Datasheet HTML 4Page - Texas Instruments SN74F253DR Datasheet HTML 5Page - Texas Instruments SN74F253DR Datasheet HTML 6Page - Texas Instruments SN74F253DR Datasheet HTML 7Page - Texas Instruments SN74F253DR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN54F253, SN74F253
DUAL 1OF4 DATA SELECTORS/MULTIPLEXERS
WITH 3STATE OUTPUTS
SDFS064A − D2032, MARCH 1987 − REVISED OCTOBER 1993
2−5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F253
SN74F253
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
− 1.2
V
VCC = 4.5 V
IOH = − 1 mA
2.5
3.4
2.5
3.4
VOH
VCC = 4.5 V
IOH = − 3 mA
2.4
3.3
2.4
3.3
V
VCC = 4.75 V,
IOH = − 1 mA to − 3 mA
2.7
VOL
VCC = 4.5 V
IOL = 20 mA
0.3
0.5
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
−50
−50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
− 0.6
− 0.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
−60
−150
−60
−150
mA
ICCH
VCC = 5.5 V,
Condition A
11.5
16
11.5
16
ICCL
VCC = 5.5 V,
See Note 2
Condition B
16
23
16
23
mA
ICCZ
See Note 2
Condition C
16
23
16
23
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 2: ICC is measured with the outputs open under the following conditions:
A. Inputs A, B, 1C3, and 2C3 at 4.5 V, other inputs grounded
B. All inputs grounded
C. Inputs 1G and 2G at 4.5 V, other inputs grounded
switching characteristics (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX§
UNIT
′F253
SN54F253
SN74F253
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A or B
Any Y
3.7
8.1
11.5
2.7
15
3.7
13
ns
tPHL
A or B
Any Y
2.2
6.1
9
1.7
11
2.2
10
ns
tPLH
Any C
Any Y
2.2
5.1
7
1.7
9
2.2
8
ns
tPHL
Any C
Any Y
1.7
4.1
6
1.7
8
1.7
7
ns
tPZH
G
Any Y
2.2
5.6
8
1.7
10
2.2
9
ns
tPZL
G
Any Y
2.2
5.6
8
1.7
10
2.2
9
ns
tPHZ
G
Any Y
1.2
3.3
5
1.2
6.5
1.2
6
ns
tPLZ
G
Any Y
1.2
4
6
1.2
8
1.2
7
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 3: Load circuit and waveforms are shown in Section 1.


同様の部品番号 - SN74F253DR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74F253D TI-SN74F253D Datasheet
97Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74F253DR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ALS253 TI-SN54ALS253 Datasheet
112Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI-SN54F253 Datasheet
97Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
74ACT11353 TI1-74ACT11353 Datasheet
104Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54AC11253 TI-54AC11253 Datasheet
97Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54AC11253 TI1-54AC11253_09 Datasheet
107Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54ACT11253 TI1-54ACT11253_09 Datasheet
90Kb / 5P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS253 TI1-SN54ALS253_15 Datasheet
797Kb / 18P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54ACT11253 TI-54ACT11253 Datasheet
77Kb / 5P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F251B TI-SN54F251B Datasheet
99Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS251 TI-SN54ALS251 Datasheet
96Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com