データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CBT3305C データシート(PDF) 3 Page - Texas Instruments

部品番号 SN74CBT3305C
部品情報  DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3305C データシート(HTML) 3 Page - Texas Instruments

  SN74CBT3305C_15 Datasheet HTML 1Page - Texas Instruments SN74CBT3305C_15 Datasheet HTML 2Page - Texas Instruments SN74CBT3305C_15 Datasheet HTML 3Page - Texas Instruments SN74CBT3305C_15 Datasheet HTML 4Page - Texas Instruments SN74CBT3305C_15 Datasheet HTML 5Page - Texas Instruments SN74CBT3305C_15 Datasheet HTML 6Page - Texas Instruments SN74CBT3305C_15 Datasheet HTML 7Page - Texas Instruments SN74CBT3305C_15 Datasheet HTML 8Page - Texas Instruments SN74CBT3305C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74CBT3305C
DUAL FET BUS SWITCH
5-V BUS SWITCH WITH –2-V UNDERSHOOT PROTECTION
SCDS125B – SEPTEMBER 2003 – REVISED AUGUST 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
VIN
Control input voltage range(2)(3)
–0.5
7
V
VI/O
Switch I/O voltage range(2)(3)(4)
–0.5
7
V
IIK
Control input clamp current
VIN < 0
–50
mA
II/OK
I/O port clamp current
VI/O < 0
–50
mA
II/O
ON-state switch current(5)
±128
mA
Continuous current through VCC or GND
±100
mA
D package
97
θ
JA
Package thermal impedance(6)
DGK package
179
°C/W
PW package
149
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
V
VIH
High-level control input voltage
2
5.5
V
VIL
Low-level control input voltage
0
0.8
V
VI/O
Data input/output voltage
0
5.5
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


同様の部品番号 - SN74CBT3305C_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT3305CD TI-SN74CBT3305CD Datasheet
202Kb / 9P
[Old version datasheet]   DUALFET BUS SWICH 5-V BUS SWITCH -2-V UNDERSHOOT PROTECTION
SN74CBT3305CDR TI-SN74CBT3305CDR Datasheet
202Kb / 9P
[Old version datasheet]   DUALFET BUS SWICH 5-V BUS SWITCH -2-V UNDERSHOOT PROTECTION
SN74CBT3305CPW TI-SN74CBT3305CPW Datasheet
202Kb / 9P
[Old version datasheet]   DUALFET BUS SWICH 5-V BUS SWITCH -2-V UNDERSHOOT PROTECTION
SN74CBT3305CPWR TI-SN74CBT3305CPWR Datasheet
202Kb / 9P
[Old version datasheet]   DUALFET BUS SWICH 5-V BUS SWITCH -2-V UNDERSHOOT PROTECTION
More results

同様の説明 - SN74CBT3305C_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI1-SN74CBTD3305C_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3125C TI-SN74CBT3125C_08 Datasheet
830Kb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3125C TI1-SN74CBT3125C_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH-2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI1-SN74CBTD3306C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI-SN74CBTD3305C Datasheet
238Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH - 2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI-SN74CBTD3306C Datasheet
249Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com