データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CB3Q6800 データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74CB3Q6800
部品情報  10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q6800 データシート(HTML) 1 Page - Texas Instruments

  SN74CB3Q6800_15 Datasheet HTML 1Page - Texas Instruments SN74CB3Q6800_15 Datasheet HTML 2Page - Texas Instruments SN74CB3Q6800_15 Datasheet HTML 3Page - Texas Instruments SN74CB3Q6800_15 Datasheet HTML 4Page - Texas Instruments SN74CB3Q6800_15 Datasheet HTML 5Page - Texas Instruments SN74CB3Q6800_15 Datasheet HTML 6Page - Texas Instruments SN74CB3Q6800_15 Datasheet HTML 7Page - Texas Instruments SN74CB3Q6800_15 Datasheet HTML 8Page - Texas Instruments SN74CB3Q6800_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
ON
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
VCC
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
BIASV
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SN74CB3Q6800
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS142A – OCTOBER 2003 – REVISED MARCH 2005
Fast Switching Frequency (f
ON= 20 MHz Max)
High-Bandwidth Data Path (Up To 500 MHz (1))
Data and Control Inputs Provide Undershoot
Clamp Diodes
5-V Tolerant I/Os With Device Powered Up or
Powered Down
Low Power Consumption (I
CC = 0.75 mA Typ)
Low and Flat ON-State Resistance (r
on)
V
CC Operating Range From 2.3 V to 3.6 V
Characteristics Over Operating Range
Data I/Os Support 0- to 5-V Signaling Levels
(r
on = 4.5 Ω Typ)
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
Rail-to-Rail Switching on Data I/O Ports
Control Inputs Can Be Driven by TTL or
– 0- to 5-V Switching With 3.3-V V
CC
5-V/3.3-V CMOS Outputs
– 0- to 3.3-V Switching With 2.5-V V
CC
I
off Supports Partial-Power-Down Mode
Operation
B-Port Outputs Are Precharged by Bias
Voltage (BIASV) to Minimize Signal Distortion
Latch-Up Performance Exceeds 100 mA Per
During Live Insertion and Hot Plugging
JESD 78, Class II
Supports PCI Hot Plug
ESD Performance Tested Per JESD 22
Bidirectional Data Flow With Near-Zero
– 2000-V Human-Body Model
Propagation Delay
(A114-B, Class II)
Low Input/Output Capacitance Minimizes
– 1000-V Charged-Device Model (C101)
Loading and Signal Distortion
Supports Both Digital and Analog
(C
io(OFF) = 3.5 pF Typ)
Applications: PCI Interface, Differential Signal
(1)
For additional information regarding the performance
Interface, Memory Interleaving, Bus Isolation,
characteristics of the CB3Q family, refer to the TI application
Low-Distortion Signal Gating
report, CBT-C, CB3T, and CB3Q Signal-Switch Families,
literature number SCDA008.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - SN74CB3Q6800_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CB3Q6800DBQR TI-SN74CB3Q6800DBQR Datasheet
190Kb / 11P
[Old version datasheet]   10 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q6800DGVR TI-SN74CB3Q6800DGVR Datasheet
190Kb / 11P
[Old version datasheet]   10 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q6800PW TI-SN74CB3Q6800PW Datasheet
190Kb / 11P
[Old version datasheet]   10 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q6800PWR TI-SN74CB3Q6800PWR Datasheet
190Kb / 11P
[Old version datasheet]   10 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
More results

同様の説明 - SN74CB3Q6800_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI-SN74CBT6800A_08 Datasheet
476Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
IDT74FST6800 RENESAS-IDT74FST6800 Datasheet
273Kb / 6P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
logo
Texas Instruments
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBTS6800 TI-SN74CBTS6800 Datasheet
57Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com