データシートサーチシステム |
|
SN74CB3Q3251 データシート(PDF) 1 Page - Texas Instruments |
|
SN74CB3Q3251 データシート(HTML) 1 Page - Texas Instruments |
1 / 19 page www.ti.com FEATURES 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 B4 B3 B2 B1 A NC OE GND VCC B5 B6 B7 B8 S0 S1 S2 DBQ, DGV, OR PW PACKAGE (TOP VIEW) NC - No internal connection RGY PACKAGE (TOP VIEW) 1 16 8 9 2 3 4 5 6 7 15 14 13 12 11 10 B5 B6 B7 B8 S0 S1 B3 B2 B1 A NC OE NC - No internal connection DESCRIPTION/ORDERING INFORMATION SN74CB3Q3251 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH SCDS173A – AUGUST 2004 – REVISED MARCH 2005 • Data and Control Inputs Provide Undershoot Clamp Diodes • High-Bandwidth Data Path (up to 500 MHz (1)) • Low Power Consumption (I CC = 1 mA Typ) • Equivalent to IDTQS3VH251 Device • V CC Operating Range From 2.3 V to 3.6 V • 5-V Tolerant I/Os With Device Powered Up or Powered Down • Data I/Os Support 0- to 5-V Signaling Levels (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V) • Low and Flat ON-State Resistance (r on) Characteristics Over Operating Range • Control Inputs Can Be Driven by TTL or (r on = 4 Ω Typ) 5-V/3.3-V CMOS Outputs • Rail-to-Rail Switching on Data I/O Ports • I off Supports Partial-Power-Down Mode Operation – 0- to 5-V Switching With 3.3-V V CC • Latch-Up Performance Exceeds 100 mA Per – 0- to 3.3-V Switching With 2.5-V V CC JESD 78, Class II • Bidirectional Data Flow With Near-Zero • ESD Performance Tested Per JESD 22 Propagation Delay – 2000-V Human-Body Model (A114-B, • Low Input/Output Capacitance Minimizes Class II) Loading and Signal Distortion (C io(OFF) = 3.5 pF Typ) – 1000-V Charged-Device Model (C101) • Fast Switching Frequency • Supports Both Digital and Analog (f OE or fS = 20 MHz Max) Applications: PCI Interface, Differential Signal Interface, Memory Interleaving, Bus Isolation, (1) For additional information regarding the performance characteristics of the CB3Q family, refer to the TI application Low-Distortion Signal Gating report, CBT-C, CB3T, and CB3Q Signal-Switch Families, literature number SCDA008. The SN74CB3Q3251 is a high-bandwidth FET bus switch utilizing a charge pump to elevate the gate voltage of the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state resistance allows for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports. The device also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data bus. Specifically designed to support high-bandwidth applications, the SN74CB3Q3251 provides an optimized interface solution ideally suited for broadband communications, networking, and data-intensive computing systems. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2004–2005, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - SN74CB3Q3251_15 |
|
同様の説明 - SN74CB3Q3251_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |