データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC04PWT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC04PWT
部品情報  SNx4HC04 Hex Inverters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC04PWT データシート(HTML) 5 Page - Texas Instruments

  SN74HC04PWT Datasheet HTML 1Page - Texas Instruments SN74HC04PWT Datasheet HTML 2Page - Texas Instruments SN74HC04PWT Datasheet HTML 3Page - Texas Instruments SN74HC04PWT Datasheet HTML 4Page - Texas Instruments SN74HC04PWT Datasheet HTML 5Page - Texas Instruments SN74HC04PWT Datasheet HTML 6Page - Texas Instruments SN74HC04PWT Datasheet HTML 7Page - Texas Instruments SN74HC04PWT Datasheet HTML 8Page - Texas Instruments SN74HC04PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SN54HC04, SN74HC04
www.ti.com
SCLS078G – DECEMBER 1982 – REVISED SEPTEMBER 2015
6.4 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54HC04
SN74HC04
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
1.9
1.998
1.9
1.9
IOH = –20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
6 V
5.9
5.999
5.9
5.9
V
IOH = –4 mA
4.5 V
3.98
4.3
3.7
3.84
IOH = –5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
6 V
0.001
0.1
0.1
0.1
V
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
µA
Ci
6 V
3
10
10
10
pF
6.5 Switching Characteristics
over operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 3)
TA = 25°C
SN54HC04
SN74HC04
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
45
95
125
120
tpd
A
Y
4.5 V
9
19
29
24
ns
6 V
8
16
25
20
2 V
38
75
110
95
tt
Y
4.5 V
8
15
22
19
ns
6 V
6
13
19
16
6.6 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
No load
20
pF
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54HC04 SN74HC04


同様の部品番号 - SN74HC04PWT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC04PWT TI-SN74HC04PWT Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SN74HC04PWT TI1-SN74HC04PWT Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04PWTE4 TI1-SN74HC04PWTE4 Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04PWTG4 TI1-SN74HC04PWTG4 Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
More results

同様の説明 - SN74HC04PWT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54HC04-SP TI-SN54HC04-SP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com