データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC08NSRG4 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC08NSRG4
部品情報  SNx4HC08 Quadruple 2-Input Positive-AND Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC08NSRG4 データシート(HTML) 1 Page - Texas Instruments

  SN74HC08NSRG4 Datasheet HTML 1Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 2Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 3Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 4Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 5Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 6Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 7Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 8Page - Texas Instruments SN74HC08NSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
A
B
Y
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN54HC08, SN74HC08
SCLS081G – DECEMBER 1982 – REVISED JUNE 2016
SNx4HC08 Quadruple 2-Input Positive-AND Gates
1
1 Features
1
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive up to 10 LSTTL Loads
Low Power Consumption: Maximum ICC 20 µA
Typical tpd = 8 ns at 6 V
±4-mA Output Drive at 5 V
Low Input Current of 1 µA (Maximum)
2 Applications
Servers
LED Displays
Network Switches
I/O Expanders
Base Station Processor Boards
3 Description
The SNx4HC08 devices contain four independent
2
‑input AND gates. They perform the Boolean
function Y = A
● B or Y = A + B in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HC08D
SOIC (14)
8.65 mm × 3.90 mm
SN74HC08DB
SSOP (14)
6.30 mm × 5.30 mm
SN74HC08N
PDIP (14)
19.34 mm × 6.35 mm
SN74HC08NS
SO (14)
10.30 mm × 5.30 mm
SN74HC08PW
TSSOP (14)
5.00 mm × 4.40 mm
SN54HC08
LCCC (20)
1.83 mm × 8.89 mm
CDIP (14)
19.56 mm × 6.67 mm
CFP (14)
9.21 mm × 5.97 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Diagram


同様の部品番号 - SN74HC08NSRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC08NSRG4 TI-SN74HC08NSRG4 Datasheet
568Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

同様の説明 - SN74HC08NSRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com