データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC02-EP データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC02-EP
部品情報  SNx4HC02 Quadruple 2-Input Positive-NOR Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC02-EP データシート(HTML) 1 Page - Texas Instruments

  SN74HC02-EP Datasheet HTML 1Page - Texas Instruments SN74HC02-EP Datasheet HTML 2Page - Texas Instruments SN74HC02-EP Datasheet HTML 3Page - Texas Instruments SN74HC02-EP Datasheet HTML 4Page - Texas Instruments SN74HC02-EP Datasheet HTML 5Page - Texas Instruments SN74HC02-EP Datasheet HTML 6Page - Texas Instruments SN74HC02-EP Datasheet HTML 7Page - Texas Instruments SN74HC02-EP Datasheet HTML 8Page - Texas Instruments SN74HC02-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1Y
1A
1B
2Y
2A
2B
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
4Y
4B
4A
3Y
3B
3A
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
On products compliant to MIL-PRF-38535, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
SN54HC02, SN74HC02
SCLS076F – DECEMBER 1982 – REVISED APRIL 2015
SNx4HC02 Quadruple 2-Input Positive-NOR Gates
1
1 Features
1
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive Up to 10 LSTTL Loads
Low Power Consumption: Maximum ICC of 20 µA
Typical tpd = 8 ns
±4-mA Output Drive at 5 V
Low Input Current of 1-µA Maximum
2 Applications
Education
Toys
Musical Instruments
Medical Healthcare and Fitness
Grid Infrastructure
Electronic Point of Sale
Test and Measurement
Factory Automation and Control
Building Automation
RS Latch
Falling Edge Detector
3 Description
The SNx4HC02 devices contain four independent 2-
input NOR gates. They perform the Boolean function
Y = A + B or Y = A • B in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HC02D
SOIC (14)
4.90 mm × 3.91 mm
SN74HC02N
PDIP (14)
19.30 mm × 6.35 mm
SN74HC02PW
TSSOP (14)
5.00 mm × 4.40 mm
SN74HC02NS
SO (14)
10.30 mm × 5.30 mm
SN74HC02DB
SSOP (14)
6.20 mm × 5.30 mm
SN54HC02J
CDIP (14)
19.94 mm × 7.62 mm
SN54HC02W
CFP (14)
9.21 mm × 7.11 mm
SN54HC02FK
LCCC (20)
8.89 mm × 8.89 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SNx4HC02 Functional Block Diagram


同様の部品番号 - SN74HC02-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC02-EP TI1-SN74HC02-EP Datasheet
492Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
More results

同様の説明 - SN74HC02-EP

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
[Old version datasheet]   QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_09 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com