データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC02-EP データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC02-EP
部品情報  SNx4HC02 Quadruple 2-Input Positive-NOR Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC02-EP データシート(HTML) 10 Page - Texas Instruments

Back Button SN74HC02-EP Datasheet HTML 6Page - Texas Instruments SN74HC02-EP Datasheet HTML 7Page - Texas Instruments SN74HC02-EP Datasheet HTML 8Page - Texas Instruments SN74HC02-EP Datasheet HTML 9Page - Texas Instruments SN74HC02-EP Datasheet HTML 10Page - Texas Instruments SN74HC02-EP Datasheet HTML 11Page - Texas Instruments SN74HC02-EP Datasheet HTML 12Page - Texas Instruments SN74HC02-EP Datasheet HTML 13Page - Texas Instruments SN74HC02-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
VIN
VOUT
Copyright © 2016, Texas Instruments Incorporated
10
SN54HC02, SN74HC02
SCLS076F – DECEMBER 1982 – REVISED APRIL 2015
www.ti.com
Product Folder Links: SN54HC02 SN74HC02
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SNX4HC02 is a low-drive CMOS device that can be used for a multitude of NOR type functions. The device
can produce 4 mA of drive current at 5 V, making it Ideal for driving multiple outputs and good for low-noise
applications. This application is for using a single SNX4HC02 as a falling edge detector circuit.
The edge detector operates by using the inherent propagation delay from input to output of each device stage. In
steady-state, the inputs to the output stage will always be different, and thus the output will always be low. Only
during the brief time when both inputs are low (that is, immediately following a falling edge on VIN), the output will
be high.
9.2 Typical Application
Figure 4. Falling Edge Detector Schematic
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads, so
routing and load conditions must be considered to prevent ringing.
The output pulse time will be approximately three times tpd from Switching Characteristics for the selected VCC,
device, and temperature range.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions – For rise time and fall time specifications, see
Δt/ΔV in Recommended
Operating Conditions.
For specified high and low levels, see VIH and VIL in Recommended Operating Conditions.
Inputs are not overvoltage tolerant, allowing them to go as high as VCC.
2. Recommend Output Conditions
Load currents must not exceed 20 mA per output and 50 mA total for the part.
Outputs must not be pulled above VCC.


同様の部品番号 - SN74HC02-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC02-EP TI1-SN74HC02-EP Datasheet
492Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
More results

同様の説明 - SN74HC02-EP

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
[Old version datasheet]   QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_09 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com