データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD500H-12 データシート(PDF) 1 Page - Astrodyne Corporation

部品番号 SD500H-12
部品情報  500W Single Output DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTRODYNE [Astrodyne Corporation]
ホームページ  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SD500H-12 データシート(HTML) 1 Page - Astrodyne Corporation

  SD500H-12 Datasheet HTML 1Page - Astrodyne Corporation SD500H-12 Datasheet HTML 2Page - Astrodyne Corporation SD500H-12 Datasheet HTML 3Page - Astrodyne Corporation SD500H-12 Datasheet HTML 4Page - Astrodyne Corporation SD500H-12 Datasheet HTML 5Page - Astrodyne Corporation SD500H-12 Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
500W Single Output DC-DC Converter
SD500 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
DC Input Active Surge Current Limiting
Wide 4:1~2:1 DC Input Range
Protections: Short circuit / Overload / Over voltage / Over
Temperature/ Input Polarity(by fuse)
2000VAC I/O Isolation
Forced Air Cooling by Built-In DC Fan with Fan Speed
Control Function
Output OK Signal
Built-In Remote ON-OFF Control
Built-In Remote Sense Function
Model Number Output Volts Output Amps Min Load
DC Volt Adjust
Efficiency
Over Voltage Protection
SINGLE OUTPUT
SD500L-12
12 Volts(DC)
40 Amps
0~40Amps
11~15Volt(DC)
86%
16~19Volts(DC)
SD500L-24
24 Volts(DC)
21 Amps
0~21Amps
23~30Volt(DC)
88%
30.8~35.2Volts(DC)
SD500L-48
48 Volts(DC)
10.5 Amps
0~10.5Amps
46~60Volt(DC)
89%
62~68Volts(DC)
SD500H-12
12 Volts(DC)
40 Amps
0~40Amps
11~15Volt(DC)
87%
16~19Volts(DC)
SD500H-24
24 Volts(DC)
21 Amps
0~21Amps
23~30Volt(DC)
89%
30.8~35.2Volts(DC)
SD500H-48
48 Volts(DC)
10.5 Amps
0~10.5Amps
46~60Volt(DC)
90%
62~68Volts(DC)


同様の部品番号 - SD500H-12

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
SD500H-12 ASTRODYNE-SD500H-12 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
More results

同様の説明 - SD500H-12

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500_10 Datasheet
246Kb / 4P
   500W Single Output DC-DC Converter
logo
GAPTEC Electronic GmbH ...
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com