データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV393ADBR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74LV393ADBR
部品情報  DUAL 4-BIT BINARY COUNTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74LV393ADBR データシート(HTML) 7 Page - Texas Instruments

Back Button SN74LV393ADBR Datasheet HTML 3Page - Texas Instruments SN74LV393ADBR Datasheet HTML 4Page - Texas Instruments SN74LV393ADBR Datasheet HTML 5Page - Texas Instruments SN74LV393ADBR Datasheet HTML 6Page - Texas Instruments SN74LV393ADBR Datasheet HTML 7Page - Texas Instruments SN74LV393ADBR Datasheet HTML 8Page - Texas Instruments SN74LV393ADBR Datasheet HTML 9Page - Texas Instruments SN74LV393ADBR Datasheet HTML 10Page - Texas Instruments SN74LV393ADBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN54LV393A, SN74LV393A
DUAL 4-BIT BINARY COUNTERS
SCLS457B – FEBRUARY 2001 – REVISED JULY 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL =50 pF
f=10MHz
3.3 V
15.2
pF
Cpd
Power dissi ation ca acitance
CL = 50 F,
f = 10 MHz
5 V
17.3
F


同様の部品番号 - SN74LV393ADBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV393ADBR TI-SN74LV393ADBR Datasheet
525Kb / 18P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN74LV393ADBRE4 TI-SN74LV393ADBRE4 Datasheet
525Kb / 18P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN74LV393ADBRG4 TI-SN74LV393ADBRG4 Datasheet
525Kb / 18P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
More results

同様の説明 - SN74LV393ADBR

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Hitachi Semiconductor
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC393 HITACHI-HD74HC393 Datasheet
47Kb / 9P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54HC393 TI-SN54HC393_07 Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A_07 Datasheet
525Kb / 18P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LS393 RENESAS-HD74LS393 Datasheet
69Kb / 7P
   Dual 4-bit Binary Counters
HD74LV393A RENESAS-HD74LV393A_15 Datasheet
110Kb / 13P
   Dual 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com