データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD895ZK データシート(PDF) 1 Page - Jianghai Europe GmbH

部品番号 CD895ZK
部品情報  14 000h at 85째C
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGHAI [Jianghai Europe GmbH]
ホームページ  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD895ZK データシート(HTML) 1 Page - Jianghai Europe GmbH

  CD895ZK Datasheet HTML 1Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 2Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 3Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 4Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 5Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 6Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 7Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 8Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 9Page - Jianghai Europe GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
84
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
CD 895 ZK Series
14000h at 85°C
· Ultra Long Life 85°C
item
Characteristics
operating Temperature range (°C)
-40 ~ +85
-25 ~ +85
Voltage range (V)
16 ~ 100
160 ~ 500
Capacitance range (µF)
39 ~ 47000
Capacitance Tolerance
(20°C, 120Hz)
± 20%
Leakage Current (µA)
After 5 minutes at 20°C application of rated voltage, leakage
current is not more than 0,01CV or 1,5mA, whichever is smaller
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Rated Voltage (V)
16
25
35
50
63 ~ 100 160 ~ 400 450~ 500
Tan δ (max)
0,50 0,40 0,35 0,30
0,20
0,15
0,20
Stability at Low Temperature
(impedance ratio at 120Hz)
Rated Voltage (V)
16~100
160~ 200
250~500
Z
-25°C / Z +20°C
4
Z
-40°C / Z +20°C
15
-
useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
14000h
>150000h
6000h
9000h
1000h
Leakage Current
Not more than specified value
Not more than specified
value
Not more than specified
value
Not more than specified
value
Capacitance Change
Within ± 30% of initial value
Within ± 20% of initial
value
Within ± 20% of initial
value
Within ± 15% of initial
value
Dissipation Factor
Not more than 300% of specified value Not more than 200% of
specified value
Not more than 200% of
specified value
Not more than 150% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
outlier Percentage
U
R
I
R
85°C
≤ 1%
U
R
1,5 x I
R
40°C
≤ 1%
U
R
I
R
85°C
0%
U
R
I
R = 0
85°C
IEC 60384
U
R = 0
I
R = 0
85°C
0%
After test:
U
R to be applied
for 30min
>24h before
measurement
Frequency
rated
Voltage (V)
50Hz 120Hz 500Hz 1kHz 10kHz ≥ 50kHz
≤ 100
0,88
1,00
1,10
1,15
1,15
1,15
160 ~ 250
0,80
1,00
1,20
1,32
1,45
1,50
≥ 350
0,80
1,00
1,20
1,30
1,41
1,43
I
A = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 85°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
40
50
60
70
80
90
CD 895 ZK Series
TA (˚C)
IA
–––
IR
X16
X8
X4
X2
X1
Lifetime
Multiplier
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Multiplier for Ripple Current
Frequency Coefficient
Multiplier for Lifetime
Lifetime Diagram
CD 29U CU
CD 296 KC
CD 29D HR
CD 801 ZP
high
Current
CD 295 BC
CD 895 ZK
CD 29L QL
CD 840 ZQ
14000h
10000h
high voltage
105°C
larger size
higher
current


同様の部品番号 - CD895ZK

メーカー部品番号データシート部品情報
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
More results

同様の説明 - CD895ZK

メーカー部品番号データシート部品情報
logo
Jianghai Europe GmbH
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
CD269LHL JIANGHAI-CD269LHL Datasheet
585Kb / 7P
   4 000 - 10 000h at 125째C
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
Nichicon corporation
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com