データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD801ZP データシート(PDF) 5 Page - Jianghai Europe GmbH

部品番号 CD801ZP
部品情報  10 000h at 85째C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGHAI [Jianghai Europe GmbH]
ホームページ  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD801ZP データシート(HTML) 5 Page - Jianghai Europe GmbH

  CD801ZP Datasheet HTML 1Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 2Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 3Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 4Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 5Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 6Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 7Page - Jianghai Europe GmbH CD801ZP Datasheet HTML 8Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
11
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Part Number System
4 Pin Type: L6P4 / L4P4 Self-Lock Terminal
For øD ≥ 30mm only.
Other terminal types and styles on request.
For Diameter øD ≥ 45mm the safety vent is typically placed at the side of the housing.
5 Pin Type: S4P5 Soldering Pin
For øD ≥ 30mm only.
For diameter øD ≥ 45mm the safety vent is typically placed at the side of the housing.
Technical Specification Snap-In Type
Terminal
L6
L4
Pin Length T
6,3 mm preferred
4,0 mm
Pin Detail l
3,5 mm preferred
2,5 mm


同様の部品番号 - CD801ZP

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
CD80 COOPER-CD80 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Jianghai Europe GmbH
CD804ZM JIANGHAI-CD804ZM Datasheet
644Kb / 8P
   4000h at 105째C
logo
Continental Device Indi...
CD8050B CDIL-CD8050B Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
CD8050C CDIL-CD8050C Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
CD8050D CDIL-CD8050D Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
More results

同様の説明 - CD801ZP

メーカー部品番号データシート部品情報
logo
Jianghai Europe GmbH
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD269LHL JIANGHAI-CD269LHL Datasheet
585Kb / 7P
   4 000 - 10 000h at 125째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
Nichicon corporation
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com