データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC273 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC273
部品情報  Octal D-Type Flip-Flops With Clear
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC273 データシート(HTML) 3 Page - Texas Instruments

  SN74HC273 Datasheet HTML 1Page - Texas Instruments SN74HC273 Datasheet HTML 2Page - Texas Instruments SN74HC273 Datasheet HTML 3Page - Texas Instruments SN74HC273 Datasheet HTML 4Page - Texas Instruments SN74HC273 Datasheet HTML 5Page - Texas Instruments SN74HC273 Datasheet HTML 6Page - Texas Instruments SN74HC273 Datasheet HTML 7Page - Texas Instruments SN74HC273 Datasheet HTML 8Page - Texas Instruments SN74HC273 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Not to scale
1
CLR
20
VCC
2
1Q
19
8Q
3
1D
18
8D
4
2D
17
7D
5
2Q
16
7Q
6
3Q
15
6Q
7
3D
14
6D
8
4D
13
5D
9
4Q
12
5Q
10
GND
11
CLK
Not to scale
4
2D
5
2Q
6
3Q
7
3D
8
4D
14
6D
15
6Q
16
7Q
17
7D
18
8D
3
SN54HC273, SN74HC273
www.ti.com
SCLS136E – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC273 SN74HC273
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
J, W, DB, DW N, NS, or PW Package
CDIP, CFP, SSOP, SOIC, SO, PDIP, or TSSOP
Top View
FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
CLR
I
Active low clear input
2
1Q
O
Output 1
3
1D
I
Input 1
4
2D
I
Input 2
5
2Q
O
Output 2
6
3Q
O
Output 3
7
3D
I
Input 3
8
4D
I
Input 4
9
4Q
O
Output 4
10
GND
Ground
11
CLK
I
Clock input
12
5Q
O
Output 5
13
5D
I
Input 5
14
6D
I
Input 6
15
6Q
O
Output 6
16
7Q
O
Output 7
17
7D
I
Input 7
18
8D
I
Input 8
19
8Q
O
Output 8
20
VCC
Power


同様の部品番号 - SN74HC273

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC273 TI-SN74HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273 TI-SN74HC273 Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273DBLE TI-SN74HC273DBLE Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273DBLE TI-SN74HC273DBLE Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

同様の説明 - SN74HC273

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com