データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM77 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM77
部品情報  9-Bit Sign Digital Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM77 データシート(HTML) 8 Page - Texas Instruments

Back Button LM77 Datasheet HTML 4Page - Texas Instruments LM77 Datasheet HTML 5Page - Texas Instruments LM77 Datasheet HTML 6Page - Texas Instruments LM77 Datasheet HTML 7Page - Texas Instruments LM77 Datasheet HTML 8Page - Texas Instruments LM77 Datasheet HTML 9Page - Texas Instruments LM77 Datasheet HTML 10Page - Texas Instruments LM77 Datasheet HTML 11Page - Texas Instruments LM77 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LM77
SNIS103F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Avoid programming setpoints so close that their hysteresis values overlap. An example would be that with a
THYST value of 2°C then setting THIGH and TLOW to within 4°C of each other will violate this restriction. To be more
specific, with THYST set to 2°C assume THIGH set to 64°C. If TLOW is set equal to, or higher than 60°C this
restriction is violated.
DEFAULT SETTINGS
The LM77 always powers up in a known state. LM77 power up default conditions are:
1. Comparator Interrupt Mode
2. TLOW set to 10°C
3. THIGH set to 64°C
4. T_CRIT set to 80°C
5. THYST set to 2°C
6. INT and T_CRIT_A active low
7. Pointer set to “00”; Temperature Register
The LM77 registers will always reset to these default values when the power supply voltage is brought up from
zero volts as the supply crosses the voltage level plotted in the following curve. The LM77 registers will reset
again when the power supply drops below the voltage plotted in this curve.
Average Power on Reset Voltage vs Temperature
Figure 6.
SERIAL BUS INTERFACE
The LM77 operates as a slave on the Serial Bus, so the SCL line is an input (no clock is generated by the LM77)
and the SDA line is a bi-directional serial data line. According to Serial Bus specifications, the LM77 has a 7-bit
slave address. The five most significant bits of the slave address are hard wired inside the LM77 and are
“10010”. The two least significant bits of the address are assigned to pins A1–A0, and are set by connecting
these pins to ground for a low, (0); or to +VS for a high, (1).
Therefore, the complete slave address is:
1
0
0
1
0
A1
A0
MSB
LSB
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM77


同様の部品番号 - LM77

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM77 NSC-LM77 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77 TI1-LM77 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
logo
National Semiconductor ...
LM77000 NSC-LM77000 Datasheet
207Kb / 14P
   Power Operational Amplifiers
LM77000CP NSC-LM77000CP Datasheet
207Kb / 14P
   Power Operational Amplifiers
More results

同様の説明 - LM77

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM77 NSC-LM77 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM70 TI-LM70_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM77CIMMX-3 TI-LM77CIMMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com