データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM56CIMX データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM56CIMX
部品情報  Dual Output Low Power Thermostat
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM56CIMX データシート(HTML) 7 Page - Texas Instruments

Back Button LM56CIMX Datasheet HTML 3Page - Texas Instruments LM56CIMX Datasheet HTML 4Page - Texas Instruments LM56CIMX Datasheet HTML 5Page - Texas Instruments LM56CIMX Datasheet HTML 6Page - Texas Instruments LM56CIMX Datasheet HTML 7Page - Texas Instruments LM56CIMX Datasheet HTML 8Page - Texas Instruments LM56CIMX Datasheet HTML 9Page - Texas Instruments LM56CIMX Datasheet HTML 10Page - Texas Instruments LM56CIMX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM56
www.ti.com
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
FUNCTIONAL DESCRIPTION
Pin Functions
V+
This is the positive supply voltage pin. This pin should be bypassed with a 0.1 µF capacitor to ground.
GND
This is the ground pin.
VREF
This is the 1.250V bandgap voltage reference output pin. In order to maintain trip point accuracy this pin
should source a 50 µA load.
VTEMP
This is the temperature sensor output pin.
OUT1
This is an open collector digital output. OUT1 is active LOW. It goes LOW when the temperature is greater
than T1 and goes HIGH when the temperature drops below T1– 5°C. This output is not intended to directly
drive a fan motor.
OUT2
This is an open collector digital output. OUT2 is active LOW. It goes LOW when the temperature is greater
than the T2 set point and goes HIGH when the temperature is less than T2– 5°C. This output is not intended to
directly drive a fan motor.
VT1
This is the input pin for the temperature trip point voltage for OUT1.
VT2
This is the input pin for the low temperature trip point voltage for OUT2.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM56


同様の部品番号 - LM56CIMX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM56CIMX NSC-LM56CIMX Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
LM56CIMX NSC-LM56CIMX Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
logo
Texas Instruments
LM56CIMX TI-LM56CIMX Datasheet
1Mb / 21P
[Old version datasheet]   LM56 Dual Output Low Power Thermostat
More results

同様の説明 - LM56CIMX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM56 NSC-LM56_06 Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
LM56 NSC-LM56 Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
logo
Texas Instruments
LM56BIMX TI-LM56BIMX Datasheet
1Mb / 21P
[Old version datasheet]   LM56 Dual Output Low Power Thermostat
LM56 TI-LM56_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM56 Dual Output Low Power Thermostat
logo
National Semiconductor ...
LM66 NSC-LM66 Datasheet
62Kb / 5P
   Dual Output Internally Preset Thermostat
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
   LOW POWER THERMOSTAT
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com