データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM77CIMX-3 データシート(PDF) 5 Page - Texas Instruments

部品番号 LM77CIMX-3
部品情報  9-Bit Sign Digital Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM77CIMX-3 データシート(HTML) 5 Page - Texas Instruments

  LM77CIMX-3 Datasheet HTML 1Page - Texas Instruments LM77CIMX-3 Datasheet HTML 2Page - Texas Instruments LM77CIMX-3 Datasheet HTML 3Page - Texas Instruments LM77CIMX-3 Datasheet HTML 4Page - Texas Instruments LM77CIMX-3 Datasheet HTML 5Page - Texas Instruments LM77CIMX-3 Datasheet HTML 6Page - Texas Instruments LM77CIMX-3 Datasheet HTML 7Page - Texas Instruments LM77CIMX-3 Datasheet HTML 8Page - Texas Instruments LM77CIMX-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM77
www.ti.com
SNIS103F – JUNE 1999 – REVISED MARCH 2013
Logic Electrical Characteristics Digital DC Characteristics (continued)
Unless otherwise noted, these specifications apply for +VS=+5 Vdc ±10% for LM77CIM-5, LM77CIMM-5 and +VS=+3.3 Vdc
±10% for LM77CIM-3, LM77CIMM-3. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA= TJ=+25°C, unless
otherwise noted.
Units
Parameter
Test Conditions
Typical(1)
Limits(2)
(Limit)
VOL
Low Level Output Voltage
IOL = 3 mA
0.4
V (max)
T_CRIT_A Output Saturation Voltage
IOUT = 4.0 mA
(3)
0.8
V (max)
T_CRIT_A Delay
1
Conversions
(max)
tOF
Output Fall Time
CL = 400 pF
250
ns (max)
IO = 3 mA
(3)
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an
error of 0.64°C at full rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
Logic Electrical Characteristics Serial Bus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for +VS=+5 Vdc ±10% for LM77CIM-5 and LM77CIMM-5, +VS=+3.3 Vdc
±10% for LM77CIM-3 and LM77CIMM-3, CL (load capacitance) on output lines = 80 pF unless otherwise specified. Boldface
limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Units
Parameter
Test Conditions
Typical(1)
Limits(2)(3)
(Limit)
t1
SCL (Clock) Period
2.5
μs(min)
t2
Data in Set-Up Time to SCL High
100
ns(min)
t3
Data Out Stable after SCL Low
0
ns(min)
t4
SDA Low Set-Up Time to SCL Low (Start Condition)
100
ns(min)
t5
SDA High Hold Time after SCL High (Stop Condition)
100
ns(min)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
Timing specifications are tested at the bus input logic levels (Vin(0)=0.3xVA for a falling edge and Vin(1)=0.7xVA for a rising edge) when
the SCL and SDA edge rates are similar.
Figure 4.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM77


同様の部品番号 - LM77CIMX-3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM77CIMX-3 NSC-LM77CIMX-3 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77CIMX-3 TI-LM77CIMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
More results

同様の説明 - LM77CIMX-3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM77 NSC-LM77 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM70 TI-LM70_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM77CIMMX-3 TI-LM77CIMMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com